Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8312HFN Datasheet(PDF) 11 Page - Rohm

Part # BD8312HFN
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN Datasheet(HTML) 11 Page - Rohm

Back Button BD8312HFN_10 Datasheet HTML 7Page - Rohm BD8312HFN_10 Datasheet HTML 8Page - Rohm BD8312HFN_10 Datasheet HTML 9Page - Rohm BD8312HFN_10 Datasheet HTML 10Page - Rohm BD8312HFN_10 Datasheet HTML 11Page - Rohm BD8312HFN_10 Datasheet HTML 12Page - Rohm BD8312HFN_10 Datasheet HTML 13Page - Rohm BD8312HFN_10 Datasheet HTML 14Page - Rohm BD8312HFN_10 Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BD8312HFN
Technical Note
11/14
www.rohm.com
2010.06- Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
[2] Cs and Rs setting
For DC/DC converter, the 2nd dimension pole point is caused by the coil and capacitor as expressed by the following
equation.
fLC=
This secondary pole causes a phase rotation of 180°. To secure the stability of the system, put a zero point in 2 places to
perform compensation.
Zero point by built-in CR
fZ1=
= 13kHz
Zero point by Cs
fZ1=
Setting fZ2 to be half to 2 times a frequency as large as fLC provides an appropriate phase margin.
It is desirable to set Rs at about 1/20 of (R1+R3) to cancel any phase boosting at high frequencies.
Those pole points are summarized in the figure below. The actual frequency property is different from the ideal
calculation because of part constants. If possible, check the phase margin with a frequency analyzer or network analyzer.
Otherwise, check for the presence or absence of ringing by load response waveform and also check for the presence or
absence of oscillation under a load of an adequate margin.
2π√(LC)
1
・・・・
(4)
2πR4C2
2π(R1+R3)CS
1
(5)
・・・・
(5)
・・・・
(6)
(6)
(4)
(3)
1
Fig.35 Example of DC/DC converter frequency property
Measured with FRA5097 by NF Corporation)


Similar Part No. - BD8312HFN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
More results

Similar Description - BD8312HFN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com