Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8312HFN Datasheet(PDF) 5 Page - Rohm

Part # BD8312HFN
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN Datasheet(HTML) 5 Page - Rohm

  BD8312HFN Datasheet HTML 1Page - Rohm BD8312HFN Datasheet HTML 2Page - Rohm BD8312HFN Datasheet HTML 3Page - Rohm BD8312HFN Datasheet HTML 4Page - Rohm BD8312HFN Datasheet HTML 5Page - Rohm BD8312HFN Datasheet HTML 6Page - Rohm BD8312HFN Datasheet HTML 7Page - Rohm BD8312HFN Datasheet HTML 8Page - Rohm BD8312HFN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BD8312HFN
Technical Note
5/14
www.rohm.com
2010.06- Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Reference data
Unless otherwise specified, Ta = 25℃, VCC = 7.4 V)
0.98
0.99
1.00
1.01
1.02
-40
-20
0
20
40
60
80
100
120
TEMPERATURE [℃]
4.7
4.8
4.9
5.0
5.1
5.2
5.3
-40
0
40
80
120
TEMPERATURE [℃]
1.3
1.4
1.5
1.6
1.7
-40
0
40
80
120
TEMPERATURE [℃]
Fig.3. INV
threshold temperature property
Fig.7. fosc
temperature property
Fig.5. VREG output
temperature property
Fig.10. Nch FET ON resistance
temperature property
100
200
300
400
500
-40
0
40
80
120
TEMPARATURE [℃]
Fig.9. UVLO
threshold temperature property
0.98
0.99
1.00
1.01
1.02
02
468
10
12
14
VCC [V]
Fig.4. INV
threshold power supply property
0
1
2
3
4
5
6
7
8
02
46
8
10
12
14
VCC [V]
Fig.6. VREG
output power supply property
Fig.8. fosc
voltage property
Fig.11. Nch FET ON resistance
power supply property
ID=500mA
1.3
1.4
1.5
1.6
1.7
36
9
12
15
VCC [V]
0
100
200
300
400
500
600
3
6
9
12
15
VCC [V]
ID=500mA
2.50
2.70
2.90
3.10
3.30
3.50
-40
0
40
80
120
環境温度 Ta [℃]
0.00
0.05
0.10
0.15
0.20
0.25
UVLO detection voltage
Hysteresis width
UVLO release voltage
Environmental temperature Ta [
°C]


Similar Part No. - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com