Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62353 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62353
Description  High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62353 Datasheet(HTML) 6 Page - Texas Instruments

  TPS62353 Datasheet HTML 1Page - Texas Instruments TPS62353 Datasheet HTML 2Page - Texas Instruments TPS62353 Datasheet HTML 3Page - Texas Instruments TPS62353 Datasheet HTML 4Page - Texas Instruments TPS62353 Datasheet HTML 5Page - Texas Instruments TPS62353 Datasheet HTML 6Page - Texas Instruments TPS62353 Datasheet HTML 7Page - Texas Instruments TPS62353 Datasheet HTML 8Page - Texas Instruments TPS62353 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Bill of Materials
www.ti.com
4
Bill of Materials
Table 2. PMP4976 Bill of Materials
Count
RefDes
Value
Description
Size
Part Number
MFR
AREA
2
C1
10 mF
Capacitor, Ceramic, 25V, X5R, 20%
1206
C3216X5R1E106
TDK
15390
C2
10 mF
Capacitor, Ceramic, 25V, X5R, 20%
1206
C3216X5R1E106
TDK
15390
2
C3
22 mF
Capacitor, Ceramic, 10V, X5R, 20%
1206
C3216X5R1A226
TDK
15390
C4
22 mF
Capacitor, Ceramic, 10V, X5R, 20%
1206
C3216X5R1A226
TDK
15390
1
C5
1 mF
Capacitor, Ceramic, 25V, X7R, 10%
603
C1608X7R1E105K
TDK
5650
2
C6
10 mF
Capacitor, Ceramic, 6.3V, X5R, 10%
603
C1608X5R0J106KT
TDK
5650
C7
10 mF
Capacitor, Ceramic, 6.3V, X5R, 10%
603
C1608X5R0J106KT
TDK
5650
1
C8
47 mF
Capacitor, Ceramic, 10V, X5R, 20%
1812
C4532X5R1A476M
TDK
43,360
2
C9
22 mF
Capacitor, Ceramic, 10V, X5R, 20%
1210
Std
Std
83,600
2
C10
2.2 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
402
JDK105BJ225MV
Taiyo Yuden
2800
2
C11
4.7 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
402
JDK105BJ475MV
Taiyo Yuden
2800
C12
22 mF
Capacitor, Ceramic, 10V, X5R, 20%
1210
Std
Std
83,600
C13
2.2 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
402
JDK105BJ225MV
Taiyo Yuden
2800
C14
4.7 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
402
JDK105BJ475MV
Taiyo Yuden
2800
1
J1
PTC36SAAN
Header, Male 6-pin, 100mil spacing, (36-pin strip)
0.100 inch × 6
PTC36SAAN
Sullins
70000
1
J2
2510-6002UB
Connector, Male Straight 2×10 pin, 100mil
0.338 × 0.788
2510-6002UB
3M
301.02
spacing, 4 Wall
4
1
J3
PEC36SAAN
Header, Male 5-pin, 100mil spacing, (36-pin strip)
0.100 inch × 5
PEC36SAAN
Sullins
60000
1
JP1
PTC36SAAN
Header, 3-pin, 100mil spacing, (36-pin strip)
0.100 × 3
PTC36SAAN
Sullins
34100
1
L1
6.8 mH
Inductor, SMT, 3.0A, 97 m
0.276 × 0.276 inch
HA3808-AL
Coiltronics
90000
1
L2
1 mH
Inductor, SMT, 1.6A, ±30%
0.118 × 0.118
LPS3010-102NLC
Coilcraft
26,560
2
L3
2.2 mH
Inductor, SMT, 0.7A, 230-m
805
MIPSZ20120D2R2
FDK
10160
L4
2.2 mH
Inductor, SMT, 0.7A, 230-m
805
MIPSZ20120D2R2
FDK
10160
1
Q1
Si2335DS
MOSFET, P-ch, -12 V, 4 A, 51 m
SOT23
Si2335DS
Vishay
14105
1
Q2
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
1
R1
1M
Resistor, Chip, 1/16-W, 1%
603
Std
Std
9100
2
R2
10K
Resistor, Chip, 1/16W, x%
603
Std
Std
5,650
R3
10K
Resistor, Chip, 1/16W, x%
603
Std
Std
5,650
1
R4
1M
Resistor, Chip, 1/16W, x%
603
Std
Std
5,650
1
R5
1M
Resistor, Chip, 1/16W, 1%
603
Std
Std
5650
2
R6
10k
Resistor, Chip, 1/16W, 1%
603
Std
Std
5650
R7
10k
Resistor, Chip, 1/16W, 1%
603
Std
Std
5650
2
R8
1K
Resistor, Chip, 1/16W, x%
603
Std
Std
5,650
R9
1K
Resistor, Chip, 1/16W, x%
603
Std
Std
5,650
1
U1
TPS62111RSA
IC, Synchronous Step-Down Converter, 17V,
QFN-16
TPS62111RSA
TI
54289
1.2A
1
U2
TPS62353YZG
IC, 3MHz Synchronous Step Down Converter
CSP-12
TPS62353YZG
TI
12,000
with I2C, 800mA
1
U3
TPS62232DRY
IC, 3MHz Ultra Small Step Down Converter, x.x V QFN
TPS62232DRY
TI
6020
1
U4
TPS62231DRY
IC, 3MHz Ultra Small Step Down Converter, x.x V QFN
TPS62232DRY
TI
6020
Notes: 1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants. Failure to use clean flux is unacceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Reference designators marked with an asterisk ('**') cannot be substituted. All other components can be substituted with equivalent MFG's
components.
6
High-Vin, High-Efficiency Power Solution Using DC/DC Converters With DVFS
SLVA339A – June 2009 – Revised May 2010
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS62353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62353 TI-TPS62353 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353 TI-TPS62353 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353 TI-TPS62353 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62353 TI-TPS62353 Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS62353YZG TI-TPS62353YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1210TS PHILIPS-TEA1210TS Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com