Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLP476M006-0500 Datasheet(PDF) 4 Page - AVX Corporation

Part # TCLP476M006-0500
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCLP476M006-0500 Datasheet(HTML) 4 Page - AVX Corporation

  TCLP476M006-0500 Datasheet HTML 1Page - AVX Corporation TCLP476M006-0500 Datasheet HTML 2Page - AVX Corporation TCLP476M006-0500 Datasheet HTML 3Page - AVX Corporation TCLP476M006-0500 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
53
# insert R for 7" reel or S for 13" reel
All technical data relates to an ambient temperature of +25°C. Capacitance
and DF are measured at 120Hz, 0.5 RMS with DC bias of 2.2 volts. DCL is
measured at rated voltage after 5 minutes. TCJ series is MSL level 3
according to J-STD-020C.
ESR allowed to move up to 1.25 times catalog limit post mounting.
NOTE: AVX reserves the right to supply a higher voltage rating
in the same case size, to the same reliability standards.
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
10 Volt @ 85°C (7 Volt @ 125°C)
TCJK475M010#0500
K
4.7
10
4.7
6
500
346
312
139
173
156
69
TCJR475M010#0500
R
4.7
10
4.7
6
500
332
298
133
166
149
66
TCJA106M010#0300
A
10
10
10.0
6
300
500
450
200
150
135
60
TCJA156M010#0200
A
15
10
15.0
6
200
612
551
245
122
110
49
TCJB226M010#0300
B
22
10
22.0
6
300
532
479
213
160
144
64
TCJT226M010#0150
T
22
10
22.0
6
150
730
657
292
110
99
44
TCJB336M010#0070
B
33
10
33.0
6
70
1102
992
441
77
69
31
TCJB336M010#0200
B
33
10
33.0
6
200
652
587
261
130
117
52
TCJC336M010#0100
C
33
10
33.0
6
100
1049
944
420
105
94
42
TCJT336M010#0070
T
33
10
33.0
6
70
1069
962
428
75
67
30
TCJT336M010#0150
T
33
10
33.0
6
150
730
657
292
110
99
44
TCJB476M010#0070
B
47
10
47.0
6
70
1102
992
441
77
69
31
TCJC476M010#0100
C
47
10
47.0
6
100
1049
944
420
105
94
42
16 Volt @ 85°C (10 Volt @ 125°C)
TCJA685M016#0200
A
6.8
16
10.9
6
200
612
551
245
122
110
49
TCJA106M016#0200
A
10
16
16.0
6
200
612
551
245
122
110
49
TCJB106M016#0200
B
10
16
16.0
6
200
652
587
261
130
117
52
TCJT106M016#0150
T
10
16
16.0
6
150
730
657
292
110
99
44
TCJT106M016#0200
T
10
16
16.0
6
200
632
569
253
126
114
51
TCJB156M016#0150
B
15
16
24.0
6
150
753
677
301
113
102
45
TCJB226M016#0150
B
22
16
35.2
6
150
753
677
301
113
102
45
25 Volt @ 85°C (17 Volt @ 125°C)
TCJP105M025#0500
P
1.0
25
2.5
6
500
346
312
139
173
156
69
35 Volt @ 85°C (28 Volt @ 105°C)
TCJC106M035#0200
C
10
35
35
6
200
742
667
482
148
133
96
Voltage Derating vs Temperature Recommendation
100%
100%
83%
67%
80%
67%
53%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
0°C
85°C
105°C
125°C
rated range
recommended derating


Similar Part No. - TCLP476M006-0500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCLP476M0060500 AVX-TCLP476M0060500 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCLP476M0060500 AVX-TCLP476M0060500 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCLP476M0060500 AVX-TCLP476M0060500 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCLP476M006-0500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com