Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6748 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6748
Description  Simple Power Solution Using LDOs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6748 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6748 Datasheet HTML 1Page - Texas Instruments TMS320C6748 Datasheet HTML 2Page - Texas Instruments TMS320C6748 Datasheet HTML 3Page - Texas Instruments TMS320C6748 Datasheet HTML 4Page - Texas Instruments TMS320C6748 Datasheet HTML 5Page - Texas Instruments TMS320C6748 Datasheet HTML 6Page - Texas Instruments TMS320C6748 Datasheet HTML 7Page - Texas Instruments TMS320C6748 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Introduction
www.ti.com
1
Introduction
In dual voltage architectures, coordinated management of power supplies is necessary to avoid potential
problems and ensure reliable performance. Power supply designers must consider the timing and voltage
differences between core and I/O voltage supplies during power-up and power-down operations.
Sequencing refers to the order, timing and differential in which the two voltage rails are powered up and
down. A system designed without proper sequencing may be at risk for two types of failures. The first of
these represents a threat to the long term reliability of the dual voltage device, while the second is more
immediate, with the possibility of damaging interface circuits in the processor or system devices such as
memory, logic or data converter ICs
Another potential problem with improper supply sequencing is bus contention. Bus contention is a
condition when the processor and another device both attempt to control a bidirectional bus during power
up. Bus contention also may affect I/O reliability. Power supply designers must check the requirements
regarding bus contention for individual devices.
The power-on sequencing for the OMAP-L138, TMS320C6742, TMS320C6746, and TMS320C6748 are
shown in Table 1. No specific voltage ramp rate is required for any of the supplies as long as the 3.3-V rail
never exceeds the 1.8-V rail by more than 2 volts.
2
Power Requirements
The power requirements are as specified in the following table.
Table 1. Power Requirements
VOLTAGE
(1) (2)
Imax
SEQUENCING
TIMING
PIN NAME
TOLERANCE
(V)
(mA)
ORDER
DELAY
I/O
RTC_CVDD
1.2
1
–25%, +10%
1
(3)
Core
CVDD
(4)
1.0 / 1.1 / 1.2
600
–9.75%, +10%
2
I/O
RVDD, PLL0_VDDA,
1.2
200
–5%, +10%
3
PLL1_VDDA, SATA_VDD,
USB_CVDD, USB0_VDDA12
I/O
USB0_VDDA18, USB1_VDDA18,
1.8
180
±5%
4
DDR_DVDD18, SATA_VDDR,
DVDD18
I/O
USB0_VDDA33, USB1_VDDA33
3.3
24
±5%
5
I/O
DVDD3318_A, DVDD3318_B,
1.8 / 3.3
50 / 90
(5)
±5%
4 / 5
DVDD3318_C
(1)
If 1.8-V LVCMOS is used, power rails up with the 1.8-V rails. If 3.3-V LVCMOS is used, power it up with the ANALOG33 rails
(VDDA33_USB0/1)
(2)
No specific voltage ramp rate is required for any of the supplies as long asa LVCMOS33 (USB0_VDDA33, USB1_VDDA33)
never exceeds STATIC18 (USB0_VDDA18, USB1_VDDA18, DDR_DVDD18, SATA_VDDR, DVDD18) by more than 2 volts.
(3)
If RTC is not used/maintained on a separate supply, it can be included in the STATIC12 (fixed 1.2 V) group.
(4)
If using CVDD at fixed 1.2 V, all 1.2-V rails may be combined.
(5)
If DVDD3318_A, B, and C are powered independently, maximum power for each rail is 1/3 the above maximum power.
2
Simple Power Solution Using LDOs
SLVA342A – June 2009 – Revised May 2010
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TMS320C6748

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
TMS320C6748 TI-TMS320C6748 Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TMS320C6748 TI-TMS320C6748 Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
More results

Similar Description - TMS320C6748

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25405EVKIT MAXIM-MAX25405EVKIT Datasheet
1Mb / 12P
   Simple yet Flexible Gesture Solution
Rev 0; 4/21
MAX25205EVKIT MAXIM-MAX25205EVKIT Datasheet
975Kb / 11P
   Simple yet Flexible Gesture Solution
Rev 1; 12/20
logo
Vishay Siliconix
AN810 VISHAY-AN810 Datasheet
105Kb / 6P
   A Simple Solution for Switching Multiple Power Sources in Notebook Computers
13-Apr-98
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
STMicroelectronics
AN1094 STMICROELECTRONICS-AN1094 Datasheet
237Kb / 9P
   Solution for off-line SMPS using VIPer100-E
logo
Lumileds Lighting Compa...
DS132 LUMILEDS-DS132 Datasheet
1Mb / 18P
   Mid power solution
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
logo
Panasonic Semiconductor
BQ-345A4K PANASONIC-BQ-345A4K Datasheet
73Kb / 1P
   Your Power Solution
logo
Sumida Corporation
ER2831 SUMIDA-ER2831 Datasheet
122Kb / 1P
   POWER SOLUTION PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com