Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K050B0100V Datasheet(PDF) 4 Page - AVX Corporation

Part # TPSC107K050B0100V
Description  Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K050B0100V Datasheet(HTML) 4 Page - AVX Corporation

  TPSC107K050B0100V Datasheet HTML 1Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 2Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 3Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 4Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 5Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 6Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 7Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 8Page - AVX Corporation TPSC107K050B0100V Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
36
* Insert K for ±10% and M for ±20% Capacitance Tolerance
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with
a maximum DC bias of 2.2 volts. DCL is measured at rated
voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum
Capacitors allow an ESR movement to 1.25 times catalogue
limit post mounting.
TPS series is MSL level 1 according to J-STD-020C.#
Standard Plating
– Insert R for 7" reel and S for 13" reel
# Gold Plating
– Insert A for 7" reel and B for 13" reel
# Tin Lead Plating
– Insert H for 7" reel (contact manufacturer)
# Tin Lead Plating
– Insert K for 13" reel (contact manufacturer)
NOTE: AVX reserves the right to supply a higher voltage
rating or tighter tolerance part in the same case
size, to the same reliability standards.
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (A)
100kHz Ripple Voltage Ratings (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TPSR225*006#7000
R
2.2
6.3
0.5
6
7000
0.089
0.080
0.035
0.620
0.558
0.248
TPSS475*006#4000
S
4.7
6.3
0.5
6
4000
0.127
0.115
0.051
0.510
0.459
0.204
TPSA685*006#1800
A
6.8
6.3
0.5
6
1800
0.204
0.184
0.082
0.367
0.331
0.147
TPSA106*006#1500
A
10
6.3
0.6
6
1500
0.224
0.201
0.089
0.335
0.302
0.134
TPSR106*006#1000
R
10
6.3
0.6
8
1000
0.235
0.211
0.094
0.235
0.211
0.094
TPSR106*006#1500
R
10
6.3
0.6
8
1500
0.191
0.172
0.077
0.287
0.259
0.115
TPSR106*006#3000
R
10
6.3
0.6
8
3000
0.135
0.122
0.054
0.406
0.366
0.162
TPST106*006#1000
T
10
6.3
0.6
6
1000
0.283
0.255
0.113
0.283
0.255
0.113
TPSA156*006#0700
A
15
6.3
0.9
6
700
0.327
0.295
0.131
0.229
0.206
0.092
TPSA156*006#1500
A
15
6.3
0.9
6
1500
0.224
0.201
0.089
0.335
0.302
0.134
TPSA226*006#0500
A
22
6.3
1.4
6
500
0.387
0.349
0.155
0.194
0.174
0.077
TPSA226*006#0900
A
22
6.3
1.4
6
900
0.289
0.260
0.115
0.260
0.234
0.104
TPSB226*006#0375
B
22
6.3
1.4
6
375
0.476
0.428
0.190
0.179
0.161
0.071
TPSB226*006#0600
B
22
6.3
1.4
6
600
0.376
0.339
0.151
0.226
0.203
0.090
TPSS226*006#0900
S
22
6.3
1.4
8
900
0.269
0.242
0.107
0.242
0.218
0.097
TPSA336*006#0600
A
33
6.3
2.1
8
600
0.354
0.318
0.141
0.212
0.191
0.085
TPSB336*006#0250
B
33
6.3
2.1
6
250
0.583
0.525
0.233
0.146
0.131
0.058
TPSB336*006#0350
B
33
6.3
2.1
6
350
0.493
0.444
0.197
0.172
0.155
0.069
TPSB336*006#0450
B
33
6.3
2.1
6
450
0.435
0.391
0.174
0.196
0.176
0.078
TPSB336*006#0600
B
33
6.3
2.1
6
600
0.376
0.339
0.151
0.226
0.203
0.090
TPST336*006#0800
T
33
6.3
2.1
10
800
0.316
0.285
0.126
0.253
0.228
0.101
TPSA476*006#0800
A
47
6.3
2.8
10
800
0.306
0.276
0.122
0.245
0.220
0.098
TPSB476*006#0250
B
47
6.3
3
6
250
0.583
0.525
0.233
0.146
0.131
0.058
TPSB476*006#0350
B
47
6.3
3
6
350
0.493
0.444
0.197
0.172
0.155
0.069
TPSB476*006#0500
B
47
6.3
3
6
500
0.412
0.371
0.165
0.206
0.186
0.082
TPSC476*006#0300
C
47
6.3
3
6
300
0.606
0.545
0.242
0.182
0.163
0.073
TPST476*006#1200
T
47
6.3
2.8
10
1200
0.258
0.232
0.103
0.310
0.279
0.124
TPSB686*006#0250
B
68
6.3
4.3
8
250
0.583
0.525
0.233
0.146
0.131
0.058
TPSB686*006#0350
B
68
6.3
4.3
8
350
0.493
0.444
0.197
0.172
0.155
0.069
TPSB686*006#0500
B
68
6.3
4.3
8
500
0.412
0.371
0.165
0.206
0.186
0.082
TPSC686*006#0150
C
68
6.3
4.3
6
150
0.856
0.771
0.343
0.128
0.116
0.051
TPSC686*006#0200
C
68
6.3
4.3
6
200
0.742
0.667
0.297
0.148
0.133
0.059
TPSW686*006#0110
W
68
6.3
4.3
6
110
0.905
0.814
0.362
0.099
0.090
0.040
TPSW686*006#0125
W
68
6.3
4.3
6
125
0.849
0.764
0.339
0.106
0.095
0.042
TPSW686*006#0250
W
68
6.3
4.3
6
250
0.600
0.540
0.240
0.150
0.135
0.060
TPSB107*006#0250
B
100
6.3
6.3
10
250
0.583
0.525
0.233
0.146
0.131
0.058
TPSB107*006#0400
B
100
6.3
6.3
10
400
0.461
0.415
0.184
0.184
0.166
0.074
TPSC107*006#0075
C
100
6.3
6.3
6
75
1.211
1.090
0.484
0.091
0.082
0.036
TPSC107*006#0150
C
100
6.3
6.3
6
150
0.856
0.771
0.343
0.128
0.116
0.051
TPSW107*006#0100
W
100
6.3
6.3
6
100
0.949
0.854
0.379
0.095
0.085
0.038
TPSW107*006#0150
W
100
6.3
6.3
6
150
0.775
0.697
0.310
0.116
0.105
0.046
TPSY107*006#0100
Y
100
6.3
6.3
6
100
1.118
1.006
0.447
0.112
0.101
0.045
TPSC157*006#0050
C
150
6.3
9.5
6
50
1.483
1.335
0.593
0.074
0.067
0.030
TPSC157*006#0090
C
150
6.3
9.5
6
90
1.106
0.995
0.442
0.099
0.090
0.040
TPSC157*006#0150
C
150
6.3
9.5
6
150
0.856
0.771
0.343
0.128
0.116
0.051
TPSC157*006#0200
C
150
6.3
9.5
6
200
0.742
0.667
0.297
0.148
0.133
0.059
TPSC157*006#0250
C
150
6.3
9.5
6
250
0.663
0.597
0.265
0.166
0.149
0.066
TPSD157*006#0050
D
150
6.3
9.5
6
50
1.732
1.559
0.693
0.087
0.078
0.035
TPSD157*006#0125
D
150
6.3
9.5
6
125
1.095
0.986
0.438
0.137
0.123
0.055
TPSY157*006#0040
Y
150
6.3
9.5
6
40
1.768
1.591
0.707
0.071
0.064
0.028
TPSY157*006#0050
Y
150
6.3
9.5
6
50
1.581
1.423
0.632
0.079
0.071
0.032
TPSC227*006#0070
C
220
6.3
13.9
8
70
1.254
1.128
0.501
0.088
0.079
0.035
TPSC227*006#0100
C
220
6.3
13.9
8
100
1.049
0.944
0.420
0.105
0.094
0.042
TPSC227*006#0125
C
220
6.3
13.9
8
125
0.938
0.844
0.375
0.117
0.106
0.047
TPSC227*006#0250
C
220
6.3
13.9
8
250
0.663
0.597
0.265
0.166
0.149
0.066
TPSD227*006#0050
D
220
6.3
13.9
8
50
1.732
1.559
0.693
0.087
0.078
0.035
TPSD227*006#0100
D
220
6.3
13.9
8
100
1.225
1.102
0.490
0.122
0.110
0.049
TPSD227*006#0125
D
220
6.3
13.9
8
125
1.095
0.986
0.438
0.137
0.123
0.055
TPSE227*006#0100
E
220
6.3
13.9
8
100
1.285
1.156
0.514
0.128
0.116
0.051
TPSF227*006#0200
F
220
6.3
13.2
10
200
0.707
0.636
0.283
0.141
0.127
0.057
TPSY227*006#0100
Y
220
6.3
13.9
10
100
1.118
1.006
0.447
0.112
0.101
0.045
TPSY227*006#0150
Y
220
6.3
13.9
10
150
0.913
0.822
0.365
0.137
0.123
0.055
TPSC337*006#0080
C
330
6.3
19.8
12
80
1.173
1.055
0.469
0.094
0.084
0.038
TPSC337*006#0100
C
330
6.3
19.8
12
100
1.049
0.944
0.420
0.105
0.094
0.042
TPSD337*006#0045
D
330
6.3
20.8
8
45
1.826
1.643
0.730
0.082
0.074
0.033
TPSD337*006#0050
D
330
6.3
20.8
8
50
1.732
1.559
0.693
0.087
0.078
0.035


Similar Part No. - TPSC107K050B0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K050B0100V AVX-TPSC107K050B0100V Datasheet
166Kb / 11P
   TPS Series
TPSC107K050B0100V AVX-TPSC107K050B0100V Datasheet
197Kb / 16P
   TPS Series
TPSC107K050B0100V AVX-TPSC107K050B0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K050B0100V AVX-TPSC107K050B0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K050B0100V AVX-TPSC107K050B0100V Datasheet
146Kb / 11P
   TPS Series
More results

Similar Description - TPSC107K050B0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
TPSA106K010R1800 AVX-TPSA106K010R1800 Datasheet
169Kb / 12P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com