Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT1G08DCKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT1G08DCKR
Description  single 2-input positive-and gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G08DCKR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHCT1G08DCKR Datasheet HTML 1Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 2Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 3Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 4Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 5Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 6Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 7Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 8Page - Texas Instruments SN74AHCT1G08DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74AHCT1G08DBVRE4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DBVTE4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DBVTG4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DCKRE4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DCKRG4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DCKTE4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DCKTG4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AHCT1G08DRLRG4
ACTIVE
SOT
DRL
5
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHCT1G08DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHCT1G08DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHCT1G08DCKR
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHCT1G08DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHCT1G08DRLR
ACTIVE
SOT
DRL
5
4000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
PACKAGE OPTION ADDENDUM
www.ti.com
22-Oct-2007
Addendum-Page 1


Similar Part No. - SN74AHCT1G08DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08DCKR TI-SN74AHCT1G08DCKR Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08DCKR TI1-SN74AHCT1G08DCKR Datasheet
1Mb / 26P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Similar Description - SN74AHCT1G08DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com