Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC20T245 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AVC20T245
Description  20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC20T245 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AVC20T245_10 Datasheet HTML 6Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 7Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 8Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 9Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 10Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 11Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 12Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 13Page - Texas Instruments SN74AVC20T245_10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SN74AVC20T245
20BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES566F − MAY 2004 − REVISED APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE
TA = 25°C, VCCA = 1.2 V
Figure 1
CL − pF
0
1
2
3
4
5
6
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.5 V
VCCB = 1.2 V
0
10
20
30
40
50
60
Figure 2
0
1
2
3
4
5
6
0
10
20
30
40
50
60
CL − pF
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.5 V
VCCB = 1.2 V
TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE
TA = 25°C, VCCA = 1.5 V
Figure 3
CL − pF
0
1
2
3
4
5
6
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.5 V
VCCB = 1.2 V
0
10
20
30
40
50
60
Figure 4
0
1
2
3
4
5
6
0
10
20
30
40
50
60
CL − pF
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.5 V
VCCB = 1.2 V


Similar Part No. - SN74AVC20T245_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC20T245DGG TI-SN74AVC20T245DGG Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGG TI-SN74AVC20T245DGG Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGGR TI-SN74AVC20T245DGGR Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGGR TI-SN74AVC20T245DGGR Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245DGVR TI-SN74AVC20T245DGVR Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC20T245_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC20T245 TI-SN74AVC20T245_08 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245 TI-SN74AVC20T245 Datasheet
425Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_07 Datasheet
281Kb / 14P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_09 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com