Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1T57DBVRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AUP1T57DBVRG4
Description  SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T57DBVRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1T57DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1T57DBVRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN74AUP1T57
www.ti.com
SCES611G – OCTOBER 2004 – REVISED MAY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
V
VO
Output voltage range in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
DBV package
165
DCK package
259
DRY package
340
qJA
Package thermal impedance(3)
°C/W
DSF package
300
YFP package
123
YZP package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 2.3 V
–3.1
IOH
High-level output current
mA
VCC = 3 V
–4
VCC = 2.3 V
3.1
IOL
Low-level output current
mA
VCC = 3 V
4
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP1T57


Similar Part No. - SN74AUP1T57DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T57DBVRG4 TI-SN74AUP1T57DBVRG4 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results

Similar Description - SN74AUP1T57DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98 TI-SN74AUP1T98_10 Datasheet
935Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57_1 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97 Datasheet
333Kb / 15P
[Old version datasheet]   SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com