Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6437ZDUL Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320DM6437ZDUL
Description  Digital Media Processor
Download  305 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437ZDUL Datasheet(HTML) 3 Page - Texas Instruments

  TMS320DM6437ZDUL Datasheet HTML 1Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 2Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 3Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 4Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 5Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 6Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 7Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 8Page - Texas Instruments TMS320DM6437ZDUL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 305 page
background image
1.2 Description
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
The TMS320C64x+™ DSPs (including the TMS320DM6437 device) are the highest-performance
fixed-point DSP generation in the TMS320C6000™ DSP platform. The DM6437 device is based on the
third-generation high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture
developed by Texas Instruments (TI), making these DSPs an excellent choice for digital media
applications. The C64x+™ devices are upward code-compatible from previous devices that are part of the
C6000™ DSP platform. The C64x™ DSPs support added functionality and have an expanded instruction
set from previous devices.
Any reference to the C64x DSP or C64x CPU also applies, unless otherwise noted, to the C64x+ DSP and
C64x+ CPU, respectively.
With performance of up to 5600 million instructions per second (MIPS) at a clock rate of 700 MHz, the
C64x+ core offers solutions to high-performance DSP programming challenges. The DSP core possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. The
C64x+ DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs). The
eight functional units include instructions to accelerate the performance in video and imaging applications.
The DSP core can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of 2800 million
MACs per second (MMACS), or eight 8-bit MACs per cycle for a total of 5600 MMACS. For more details
on the C64x+ DSP, see the TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide
(literature number SPRU732).
The DM6437 also has application-specific hardware logic, on-chip memory, and additional on-chip
peripherals similar to the other C6000 DSP platform devices. The DM6437 core uses a two-level
cache-based architecture. The Level 1 program memory/cache (L1P) consists of a 256K-bit memory
space that can be configured as mapped memory or direct mapped cache, and the Level 1 data (L1D)
consists of a 640K-bit memory space —384K-bit of which is mapped memory and 256K-bit of which can
be configured as mapped memory or 2-way set-associative cache. The Level 2 memory/cache (L2)
consists of a 1M-bit memory space that is shared between program and data space. L2 memory can be
configured as mapped memory, cache, or combinations of the two.
The peripheral set includes: 2 configurable video ports; a 10/100 Mb/s Ethernet MAC (EMAC) with a
management data input/output (MDIO) module; a 4-bit transmit, 4-bit receive VLYNQ interface; an
inter-integrated circuit (I2C) Bus interface; two multichannel buffered serial ports (McBSPs); a multichannel
audio serial port (McASP0) with 4 serializers; 2 64-bit general-purpose timers each configurable as 2
independent 32-bit timers; 1 64-bit watchdog timer; a user-configurable 16-bit host-port interface (HPI); up
to 111-pins of general-purpose input/output (GPIO) with programmable interrupt/event generation modes,
multiplexed with other peripherals; 2 UARTs with hardware handshaking support on 1 UART; 3 pulse
width modulator (PWM) peripherals; 1 high-end controller area network (CAN) controller [HECC]; 1
peripheral component interconnect (PCI) [33 MHz]; and 2 glueless external memory interfaces: an
asynchronous external memory interface (EMIFA) for slower memories/peripherals, and a higher speed
synchronous memory interface for DDR2.
The DM6437 device includes a Video Processing Subsystem (VPSS) with two configurable video/imaging
peripherals: 1 Video Processing Front-End (VPFE) input used for video capture, 1 Video Processing
Back-End (VPBE) output.
The Video Processing Front-End (VPFE) is comprised of a CCD Controller (CCDC), a Preview Engine
(Previewer), Histogram Module, Auto-Exposure/White Balance/Focus Module (H3A), and Resizer. The
CCDC is capable of interfacing to common video decoders, CMOS sensors, and Charge Coupled Devices
(CCDs). The Previewer is a real-time image processing engine that takes raw imager data from a CMOS
sensor or CCD and converts from an RGB Bayer Pattern to YUV422. The Histogram and H3A modules
provide statistical information on the raw color data for use by the DM6437. The Resizer accepts image
data for separate horizontal and vertical resizing from 1/4x to 4x in increments of 256/N, where N is
between 64 and 1024.
Submit Documentation Feedback
TMS320DM6437 Digital Media Processor
3


Similar Part No. - TMS320DM6437ZDUL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6437ZDUL TI1-TMS320DM6437ZDUL Datasheet
2Mb / 306P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM6437ZDUL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com