Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC8101DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC8101DWG4
Description  KNOCK SENSOR INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC8101DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC8101DWG4 Datasheet HTML 1Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 2Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 3Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 4Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 5Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 6Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 7Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 8Page - Texas Instruments TPIC8101DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPIC8101
KNOCK SENSOR INTERFACE
SLIS110A − APRIL 2003 − REVISED MAY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Dual-Channel Knock Sensor Interface
D Programmable Input Frequency Prescaler
(OSCIN)
D Serial Interface With Microprocessor (SPI)
D Programmable Gain
D Programmable Band-Pass Filter Center
Frequency
D External Clock Frequencies up to 24 MHz
− 4, 5, 6, 8, 10, 12, 16, 20, and 24 MHz
D Programmable Integrator Time Constants
D Operating Temperature Range −40°C to
125
°C
applications
D Engine Knock Detector Signal Processing
D Analog Signal Processing With Filter
Characteristics
description
The TPIC8101 is a dual-channel signal processing IC for detection of premature detonation in combustion
engine. The two sensor channels are selectable through the SPI bus. The knock sensor typically provides an
electrical signal to the amplifier inputs. The sensed signal is processed through a programmable band-pass filter
to extract the frequency of interest (engine knock or ping signals). The band-pass filter eliminates any engine
background noise associated with combustion. The engine background noise is typically low in amplitude
compared to the predetonation noise.
The detected signal is full-wave rectified and integrated by use of the INT/HOLD signal. The digital output from
the integration stage is either converted to an analog signal, passed through an output buffer, or be read directly
by the SPI.
This analog buffered output may be interfaced to an A/D converter and read by the microprocessor. The digital
output may be directly interfaced to the microprocessor.
The data from the A/D enables the system to analyze the amount of retard timing for the next spark ignition timing
cycle.
With the microprocessor closed-loop system, advancing and retarding the spark timing optimize the load/RPM
conditions for a particular engine (data stored in RAM).
Copyright
 2003 − 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
GND
Vref
OUT
NC
NC
INT/HOLD
CS
XIN
XOUT
CH1P
CH1N
CH1FB
CH2FB
CH2N
CH2P
TEST
SCLK
SDI
SDO
DW PACKAGE
(TOP VIEW)


Similar Part No. - TPIC8101DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Similar Description - TPIC8101DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
logo
List of Unclassifed Man...
KY-031 ETC2-KY-031 Datasheet
126Kb / 3P
   Knock-sensor module
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
logo
LSI Computer Systems
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
   PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
   PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
   PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90320 MELEXIS-MLX90320_12 Datasheet
621Kb / 33P
   Automotive sensor interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com