Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22904 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22904
Description  ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22904 Datasheet(HTML) 4 Page - Texas Instruments

  TPS22904 Datasheet HTML 1Page - Texas Instruments TPS22904 Datasheet HTML 2Page - Texas Instruments TPS22904 Datasheet HTML 3Page - Texas Instruments TPS22904 Datasheet HTML 4Page - Texas Instruments TPS22904 Datasheet HTML 5Page - Texas Instruments TPS22904 Datasheet HTML 6Page - Texas Instruments TPS22904 Datasheet HTML 7Page - Texas Instruments TPS22904 Datasheet HTML 8Page - Texas Instruments TPS22904 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS22903
TPS22904
SLVS827C – FEBRUARY 2009 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN = 1.1 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1)
MAX
UNIT
IIN
Quiescent current
IOUT = 0, VIN = VON
Full
1
mA
IIN(OFF)
OFF-state supply current
VON = GND, OUT = Open
Full
1
mA
IIN(LEAKAGE)
OFF-state switch current
VON = GND, VOUT = 0
Full
1
mA
25°C
66
90
VIN = 3.6 V
Full
95
25°C
75
95
VIN = 2.5 V
Full
110
25°C
90
115
rON
ON-state resistance
IOUT = –200 mA
VIN = 1.8 V
m
Full
125
25°C
135
175
VIN = 1.2 V
Full
185
25°C
157
275
VIN = 1.1 V
Full
300
VIN = 3.3 V, VON = 0 (TPS22904 only),
rPD
Output pulldown resistance
85
135
Ω
IOUT = 30 mA
ION
ON-state input leakage current
VON = 1.1 V to 3.6 V or GND
Full
1
mA
(1)
Typical values are at VIN = 3.3 V and TA = 25°C.
SWITCHING CHARACTERISTICS
VIN = 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
TPS22903
TPS22904
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNIT
tON
Turn-ON time
IOUT = 100 mA, CL = 0.1 mF
0.9
1.5
0.9
1.5
ms
tOFF
Turn-OFF time
IOUT = 100 mA, CL = 0.1 mF
5.8
8
5.3
7
ms
tr
VOUT rise time
IOUT = 100 mA, CL = 0.1 mF
0.80
5
0.8
5
ms
tf
VOUT fall time
IOUT = 100 mA, CL = 0.1 mF
8.3
10
5.8
7
ms
(1)
Typical values are at TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS22903 TPS22904


Similar Part No. - TPS22904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
TPS22901YFPR TI-TPS22901YFPR Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
TPS22902 TI-TPS22902 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
TPS22902B TI-TPS22902B Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
TPS22902BYFPR TI-TPS22902BYFPR Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
More results

Similar Description - TPS22904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com