Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF6G22LS-180RN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF6G22LS-180RN
Description  Power LDMOS transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G22LS-180RN Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF6G22LS-180RN Datasheet HTML 1Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 2Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 3Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 4Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 5Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 6Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 7Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 8Page - NXP Semiconductors BLF6G22LS-180RN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLF6G22-180RN_22LS-180RN_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2008
4 of 11
NXP Semiconductors
BLF6G22(LS)-180RN
Power LDMOS transistor
7.2 One-tone CW
7.3 Two-tone CW
VDS = 30 V; IDq = 1400 mA; f = 2140 MHz.
Fig 1.
One-tone CW power gain and drain efficiency as function of load power;
typical values
PL (W)
0
180
120
60
001aai641
15
16
17
Gp
(dB)
14
20
40
60
ηD
(%)
0
Gp
ηD
VDS = 30 V; IDq = 1400 mA; f = 2140 MHz.
VDS = 30 V; IDq = 1400 mA; f = 2140 MHz.
Fig 2.
Two-tone CW power gain and drain efficiency
as function of peak envelope load power;
typical values
Fig 3.
Two-tone CW intermodulation distortion as a
function of peak envelope load power; typical
values
PL(PEP) (W)
0
180
120
60
001aai642
15
16
17
Gp
(dB)
14
20
40
60
ηD
(%)
0
Gp
ηD
PL(PEP) (W)
0
100
80
40
60
20
001aai643
−50
−40
−60
−30
−20
IMD
(dBc)
−70
IMD3
IMD5
IMD7


Similar Part No. - BLF6G22LS-180RN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G22LS-180RN NXP-BLF6G22LS-180RN Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF6G22LS-180RN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com