Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73501DRBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73501DRBR
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73501DRBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73501DRBR Datasheet HTML 6Page - Texas Instruments TPS73501DRBR Datasheet HTML 7Page - Texas Instruments TPS73501DRBR Datasheet HTML 8Page - Texas Instruments TPS73501DRBR Datasheet HTML 9Page - Texas Instruments TPS73501DRBR Datasheet HTML 10Page - Texas Instruments TPS73501DRBR Datasheet HTML 11Page - Texas Instruments TPS73501DRBR Datasheet HTML 12Page - Texas Instruments TPS73501DRBR Datasheet HTML 13Page - Texas Instruments TPS73501DRBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
V =xV
N
OUT
11
V
mVRMS
TPS735xx
SBVS087H – JUNE 2008 – REVISED NOVEMBER 2009
www.ti.com
optimize noise, equivalent series resistance of the
As with any linear regulator, PSRR and transient
output capacitor can be set to approximately 0.2
Ω.
response are degraded as (VIN – VOUT) approaches
This configuration maximizes phase margin in the
dropout.
This
effect
is
shown
in
the
Typical
control loop, reducing total output noise by up to
Characteristics section.
10%.
Startup and Noise Reduction Capacitor
Noise can be referred to the feedback point (FB pin)
such that with CNR = 0.01μF, total noise is given
Fixed voltage versions of the TPS735xx use a
approximately by Equation 1:
quick-start circuit to fast-charge the noise reduction
capacitor, CNR, if present (see the Functional Block
Diagrams). This architecture allows the combination
(1)
of very low output noise and fast start-up times. The
The TPS73501 adjustable version does not have the
NR pin is high impedance so a low leakage CNR
noise-reduction pin available, so ultra-low noise
capacitor must be used; most ceramic capacitors are
operation is not possible. Noise can be minimized
appropriate in this configuration.
according to the above recommendations.
Note that for fastest startup, VIN should be applied
first, then the enable pin (EN) driven high. If EN is
Board Layout Recommendations to Improve
tied to IN, startup is somewhat slower. Refer to the
PSRR and Noise Performance
Typical Characteristics section. The quick-start switch
To improve ac performance such as PSRR, output
is closed for approximately 135
μs. To ensure that
noise, and transient response, it is recommended that
CNR is fully charged during the quick-start time, a
the board be designed with separate ground planes
0.01
μF or smaller capacitor should be used.
for VIN and VOUT, with each ground plane connected
only at the GND pin of the device. In addition, the
Transient Response
ground connection for the bypass capacitor should
As with any regulator, increasing the size of the
connect directly to the GND pin of the device.
output capacitor reduces over/undershoot magnitude
but increases duration of the transient response. In
Internal Current Limit
the adjustable version, adding CFB between OUT and
The TPS735xx internal current limit helps protect the
FB improves stability and transient response. The
regulator during fault conditions. During current limit,
transient response of the TPS735xx is enhanced by
the output sources a fixed amount of current that is
an active pull-down that engages when the output
largely independent of output voltage. For reliable
overshoots by approximately 5% or more when the
operation, the device should not be operated in
device is enabled. When enabled, the pull-down
current limit for extended periods of time.
device behaves like a 400
Ω resistor to ground.
The PMOS pass element in the TPS735xx has a
Undervoltage Lock-Out (UVLO)
built-in body diode that conducts current when the
voltage at OUT exceeds the voltage at IN. This
The TPS735xx utilizes an undervoltage lock-out
current is not limited, so if extended reverse voltage
circuit to keep the output shut off until internal
operation is anticipated, external limiting may be
circuitry is operating properly. The UVLO circuit has a
appropriate.
de-glitch
feature
so
that
it
typically
ignores
undershoot transients on the input if they are less
Shutdown
than 50
μs duration.
The enable pin (EN) is active high and is compatible
Minimum Load
with standard and low voltage TTL-CMOS levels.
When shutdown capability is not required, EN can be
The TPS735xx is stable and well-behaved with no
connected to IN.
output load. To meet the specified accuracy, a
minimum load of 500
μA is required. Below 500μA at
Dropout Voltage
junction temperatures near +125°C, the output can
drift up enough to cause the output pull-down to turn
The TPS735xx uses a PMOS pass transistor to
on. The output pull-down limits voltage drift to 5%
achieve low dropout. When (VIN – VOUT) is less than
typically
but
ground
current
could
increase
by
the dropout voltage (VDO), the PMOS pass device is
approximately 50
μA. In typical applications, the
in its linear region of operation and the input-to-output
junction cannot reach high temperatures at light loads
resistance is the RDS, ON of the PMOS pass element.
because there is no appreciable dissipated power.
Because the PMOS device behaves like a resistor in
The specified ground current would then be valid at
dropout,
VDO approximately scales with output
no load in most applications.
current.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TPS73501DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73501DRBR TI-TPS73501DRBR Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS73501DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com