Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40304 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40304
Description  3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40304 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40304 Datasheet HTML 5Page - Texas Instruments TPS40304 Datasheet HTML 6Page - Texas Instruments TPS40304 Datasheet HTML 7Page - Texas Instruments TPS40304 Datasheet HTML 8Page - Texas Instruments TPS40304 Datasheet HTML 9Page - Texas Instruments TPS40304 Datasheet HTML 10Page - Texas Instruments TPS40304 Datasheet HTML 11Page - Texas Instruments TPS40304 Datasheet HTML 12Page - Texas Instruments TPS40304 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
BOOT
SW
LDRV/OC
EN/SS
COMP
FB
GND
VDD
BP
PGOOD
2
1
10
4
5
3
6
7
8
9
PAD
HDRV
+
+
FB
0.6 V
REF + 12.5%
0.6 V
REF –12.5%
+
Fault
Controller
SS
Soft Start
BP
Anti-Cross
Conduction
and
Pre-Bias
Circuit
PWM
Logic
BP
Clock
6-V
Regulator
References
0.6 V
REF
SD
BP
Spread
Spectrum
Oscillator
+
Calibration
Circuit
+
UDG-09160
0.6 V
REF
SS
10 mA
750 kW
Fault Controller
Thermal
Shutdown
OC
Threshold
Setting
10 mA
OC
SS
SD
PWM
Clock
OC
TPS40303, TPS40304, TPS40305
www.ti.com
SLUS964 – NOVEMBER 2009
TPS4030x BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS40303 TPS40304 TPS40305


Similar Part No. - TPS40304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304 TI-TPS40304 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com