Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61165DRVTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVTG4
Description  High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61165DRVTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61165DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DATA IN
Start
DATA OUT
ACK
RFA
A1
A0
D4
D3
D2
D1
D0
DA7
0
DA6
1
DA5
1
DA4
1
DA3
0
DA2
0
DA1
1
DA0
0
Device Address
DATABYTE
EOS Start
EOS
Start
TPS61165
www.ti.com
SLVS790A – NOVEMBER 2007 – REVISED MAY 2010
Table 1. Selectable FB Voltage (continued)
FB voltage
D4
D3
D2
D1
D0
(mV)
9
29
0
1
0
0
1
10
32
0
1
0
1
0
11
35
0
1
0
1
1
12
38
0
1
1
0
0
13
44
0
1
1
0
1
14
50
0
1
1
1
0
15
56
0
1
1
1
1
16
62
1
0
0
0
0
17
68
1
0
0
0
1
18
74
1
0
0
1
0
19
80
1
0
0
1
1
20
86
1
0
1
0
0
21
92
1
0
1
0
1
22
98
1
0
1
1
0
23
104
1
0
1
1
1
24
116
1
1
0
0
0
25
128
1
1
0
0
1
26
140
1
1
0
1
0
27
152
1
1
0
1
1
28
164
1
1
1
0
0
29
176
1
1
1
0
1
30
188
1
1
1
1
0
31
200
1
1
1
1
1
Figure 14. EasyScale™ Protocol Overview
Table 2. EasyScale™ Bit Description
BIT
TRANSMISSION
BYTE
NAME
DESCRIPTION
NUMBER
DIRECTION
7
DA7
0 MSB device address
6
DA6
1
5
DA5
1
Device
4
DA4
1
Address
IN
Byte
3
DA3
0
72 hex
2
DA2
0
1
DA1
1
0
DA0
0 LSB device address
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61165


Similar Part No. - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVTG4 TI1-TPS61165DRVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
More results

Similar Description - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Texas Instruments
TPS61165 TI1-TPS61165_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com