Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACASN1100P2200P1AT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ACASN1100P2200P1AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASN1100P2200P1AT Datasheet(HTML) 6 Page - Vishay Siliconix

  ACASN1100P2200P1AT Datasheet HTML 1Page - Vishay Siliconix ACASN1100P2200P1AT Datasheet HTML 2Page - Vishay Siliconix ACASN1100P2200P1AT Datasheet HTML 3Page - Vishay Siliconix ACASN1100P2200P1AT Datasheet HTML 4Page - Vishay Siliconix ACASN1100P2200P1AT Datasheet HTML 5Page - Vishay Siliconix ACASN1100P2200P1AT Datasheet HTML 6Page - Vishay Siliconix ACASN1100P2200P1AT Datasheet HTML 7Page - Vishay Siliconix ACASN1100P2200P1AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 28770
For technical questions, contact: thinfilmarray@vishay.com
www.vishay.com
Revision: 06-Nov-09
281
ACAS 0606 AT, ACAS 0612 AT - Precision
Precision Thin Film Chip Resistor Array
Superior Moisture Resistivity
Vishay Beyschlag
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 60115-1, Generic specification
EN 140400, Sectional specification
EN 140401-801, Detail specification
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5202.
The tests are are carried out under standard atmospheric
conditions according to
IEC 60068-1 (1), 5.3. Climatic
category LCT/UCT/56 (rated temperature range: Lower
Category Temperature, Upper Category Temperature; damp
heat, long term, 56 days) is valid (LCT = - 55 °C/UCT =
125 °C).
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar)
The requirements stated in the “Test Procedures and
Requirements” table are based on the required tests and
permitted limits of EN 140401-801 where applicable.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS (2)
PERMISSIBLE CHANGE (
ΔR)
Stability for product types:
ACAS 0606 AT
ACAS 0612 AT
47
Ω to 150 kΩ
47
Ω to 150 kΩ
4.5
-
Resistance
-
± 0.5 %
R; ± 0.25 % R
4.8.4.2
-
Temperature coefficient
At (20/- 55/ 20)
°C and
(20/125/20)
°C
± 50 ppm/K; ± 25 ppm/K
4.25.1
-
Endurance at 70 °C:
Standard operation mode
U =
or
U = Umax.;
1.5 h on; 0.5 h off;
1000 h:
Absolute
Relative (3)
± (0.1 %
R + 0.05
Ω)
0.1 %
R + 0.05
Ω
8000 h:
Absolute
Relative (3)
± (0.25 %
R + 0.05
Ω)
0.25 %
R + 0.05
Ω
Endurance at 70 °C:
Power operation mode
U =
or
U = Umax.;
1.5 h on; 0.5 h off;
1000 h:
Absolute
Relative (3)
± (0.25 %
R + 0.05
Ω)
0.25 %
R + 0.05
Ω
8000 h:
Absolute
Relative (3)
± (0.5 %
R + 0.05
Ω)
0.5 %
R + 0.05
Ω
4.25.3
-
Endurance at upper
category temperature
125 °C; 1000 h:
Absolute
Relative (3)
± (0.25 %
R + 0.05
Ω)
0.25 %
R + 0.05
Ω)
125 °C; 8000 h:
Absolute
Relative (3)
± (0.5 %
R + 0.05
Ω)
0.5 %
R + 0.05
Ω
155 °C; 1000 h:
Absolute
Relative (3)
± (0.4 %
R + 0.05
Ω)
0.4 %
R + 0.05
Ω
P
70 x R
P
70 x R


Similar Part No. - ACASN1100P2200P1AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASN1S0P1AT VISHAY-ACASN1S0P1AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S0P5AT VISHAY-ACASN1S0P5AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S1P1AT VISHAY-ACASN1S1P1AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S1P5AT VISHAY-ACASN1S1P5AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACASN1S2P1AT VISHAY-ACASN1S2P1AT Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
More results

Similar Description - ACASN1100P2200P1AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com