Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACASA1100N2200P5AT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ACASA1100N2200P5AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASA1100N2200P5AT Datasheet(HTML) 7 Page - Vishay Siliconix

  ACASA1100N2200P5AT Datasheet HTML 1Page - Vishay Siliconix ACASA1100N2200P5AT Datasheet HTML 2Page - Vishay Siliconix ACASA1100N2200P5AT Datasheet HTML 3Page - Vishay Siliconix ACASA1100N2200P5AT Datasheet HTML 4Page - Vishay Siliconix ACASA1100N2200P5AT Datasheet HTML 5Page - Vishay Siliconix ACASA1100N2200P5AT Datasheet HTML 6Page - Vishay Siliconix ACASA1100N2200P5AT Datasheet HTML 7Page - Vishay Siliconix ACASA1100N2200P5AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions, contact: thinfilmarray@vishay.com
Document Number: 28770
282
Revision: 06-Nov-09
ACAS 0606 AT, ACAS 0612 AT - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor Array
Superior Moisture Resistivity
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
(2) Figures are given for arrays with equal values, design type AE
(3) Relative values are equivalent to the half of its value with ± symbol, i.e. 0.1 % is equivalent to ± 0.05 %
(4) For a single element
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2)
°C; 56 days;
(93 ± 3) % RH
± (0.25 %
R + 0.05
Ω)
4.39
67 (Cy)
Damp heat,
steady state,
accelerated
(85 ± 2) °C
(85 ± 5) % RH
U = 0.1 x
≤ 100 V;
1000 h
± (0.5 %
R + 0.05
Ω)
4.13
-
Short time overload (4)
U = 2.5 x
or
U = 2 x Umax.;
5 s
± (0.1 %
R + 0.01
Ω)
no visible damage
4.40
-
Electrostatic discharge
(Human body model) (4)
IEC 61340-3-1;
3 pos. + 3 neg.
(equivalent to MIL-STD-883,
Method 3015); 1000 V
± (0.5 %
R + 0.05
Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at - 55 °C and
30 min at 125 °C;
1000 cycles
± (0.25 %
R + 0.05
Ω)
no visible damage
4.18.2
58 (Td)
Resistance to soldering
heat
Reflow method 2
(IR/forced gas convention);
(260 ± 5)
°C;
(10 ± 1) s
± (0.1 %
R + 0.01
Ω)
no visible damage
4.17.2
58 (Td)
Solderability
Solder bath method;
SnPb; non-activated flux
accelerated aging 4 h/155 °C
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
≥ 95 % covered);
no visible damage
Solder bath method;
SnAgCu; non-activated flux
accelerated aging 4 h/155 °C
(235 ± 3) °C; (2 ± 0.2) s
4.32
21 (Ue3)
Shear (adhesion)
45 N
No visible damage
4.33
21 (Ue1)
Substrate bending
Depth 2 mm, 3 times
± (0.1 %
R + 0.01
Ω)
no visible damage;
no open circuit in bent position
4.35
-
Flammability
IEC 60695-11-5,
needle flame test; 10 s
No burning after 30 s
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 to 2000 Hz; no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2; 6 h
± (0.1 %
R + 0.01
Ω);
no visible damage
4.7
-
Voltage proof
Urms = Uins
60 ± 5 s; against ambient,
between adjacent resistors
No flashover or breakdown
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS (2)
PERMISSIBLE CHANGE (
ΔR)
Stability for product types:
ACAS 0606 AT
ACAS 0612 AT
47
Ω to 150 kΩ
47
Ω to 150 kΩ
P
70 x R
P
70 x R


Similar Part No. - ACASA1100N2200P5AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASA1100S1K1P100 VISHAY-ACASA1100S1K1P100 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACASA1100S1K1P500 VISHAY-ACASA1100S1K1P500 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACASA1100S220RP100 VISHAY-ACASA1100S220RP100 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACASA1100S220RP500 VISHAY-ACASA1100S220RP500 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACASA1100S22K1P100 VISHAY-ACASA1100S22K1P100 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
More results

Similar Description - ACASA1100N2200P5AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
MCS0402AT VISHAY-MCS0402AT Datasheet
161Kb / 11P
   Professional Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 07-Dec-09
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com