Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7L06-34ARC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK7L06-34ARC
Description  N-channel TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7L06-34ARC Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK7L06-34ARC Datasheet HTML 1Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 2Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 3Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 4Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 5Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 6Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 7Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 8Page - NXP Semiconductors BUK7L06-34ARC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
BUK7L06-34ARC
N-channel TrenchPLUS standard level FET
Rev. 05 — 17 February 2009
Product data sheet
1.
Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. The devices include internal gate resistors and
TrenchPLUS diodes for clamping and ElectroStatic Discharge (ESD) protection. This
product has been designed and qualified to the appropriate AEC standard for use in
automotive critical applications.
1.2 Features and benefits
Low conduction losses due to low
on-state resistance
Q101 compliant
Reduced component count due to
integrated gate resistor
1.3 Applications
12 V loads
Automotive systems
General purpose power switching
Motors, lamps and solenoids
1.4 Quick reference data
[1]
Current is limited by power dissipation chip rating.
[2]
Refer to document 9397 750 12572 for further information.
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ID
drain current
VGS =10V; Tmb =25°C;
see Figure 1; see Figure 3
[1]
[2]
-
-
147
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
-
-
250
W
Static characteristics
RDSon
drain-source
on-state resistance
VGS =10V; ID =30 A;
Tj = 25 °C; see Figure 13;
see Figure 14
-5.1
6
m


Similar Part No. - BUK7L06-34ARC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
logo
Nexperia B.V. All right...
BUK7L06-34ARC NEXPERIA-BUK7L06-34ARC Datasheet
342Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 17 February 2009
More results

Similar Description - BUK7L06-34ARC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com