Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14B26-SZ3B-100-03C Datasheet(PDF) 2 Page - 3M Electronics

Part # 14B26-SZ3B-100-03C
Description  3M Mini D Ribbon (MDR) Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

14B26-SZ3B-100-03C Datasheet(HTML) 2 Page - 3M Electronics

  14B26-SZ3B-100-03C Datasheet HTML 1Page - 3M Electronics 14B26-SZ3B-100-03C Datasheet HTML 2Page - 3M Electronics 14B26-SZ3B-100-03C Datasheet HTML 3Page - 3M Electronics 14B26-SZ3B-100-03C Datasheet HTML 4Page - 3M Electronics 14B26-SZ3B-100-03C Datasheet HTML 5Page - 3M Electronics 14B26-SZ3B-100-03C Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Cable Assembly
.050” Digital Camera Cable - 26 position
14B26-SZ3B-XXX-03C
TS-2256-A
Sheet 2 of 3
Ordering Information
14B26-SZ3B-XXX-03C
Cable Length
050 = 50 cm
300 = 300 cm
600 = 600 cm
100 = 100 cm
350 = 350 cm
700 = 700 cm
150 = 150 cm
400 = 400 cm
800 = 800 cm
200 = 200 cm
450 = 450 cm
900 = 900 cm
250 = 250 cm
500 = 500 cm
A00 = 1000 cm
mm
[inch]
Tolerance Unless
Noted
.0
.00
mm
±.1
±.10
[ ] Dimensions for
Reference Only
39.7
[1.56]
12.8
[0.51]
32.5
[1.28]
1
13
14
26
CN-1
CAMERA
CN-2
FRAME GRABBER
Connector Label
(Camera Side)
4 x #4-40
Thumbscrews
2 x 26 Position High Density
Mini D Ribbon (MDR) Male Plug
Cable Length
Cable Length Tolerance is the
larger of + 50 mm / -0 mm or +3% / -0%
Generic End Detail
MDR 26 Position Plug
(Both Ends)
Use 3MJacksocket 3341-31 for mounting receptacle to panel.
For lengths greater than 1000 cm refer to Table 2


Similar Part No. - 14B26-SZ3B-100-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14B26-SZ3B-100-04C 3M-14B26-SZ3B-100-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 14B26-SZ3B-100-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T36-SZ6B-100-0HC 3M-14T36-SZ6B-100-0HC Datasheet
351Kb / 7P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com