Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14H26-SZ3M-050-03C Datasheet(PDF) 1 Page - 3M Electronics

Part # 14H26-SZ3M-050-03C
Description  3M Mini D Ribbon (MDR) Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

14H26-SZ3M-050-03C Datasheet(HTML) 1 Page - 3M Electronics

  14H26-SZ3M-050-03C Datasheet HTML 1Page - 3M Electronics 14H26-SZ3M-050-03C Datasheet HTML 2Page - 3M Electronics 14H26-SZ3M-050-03C Datasheet HTML 3Page - 3M Electronics 14H26-SZ3M-050-03C Datasheet HTML 4Page - 3M Electronics 14H26-SZ3M-050-03C Datasheet HTML 5Page - 3M Electronics 14H26-SZ3M-050-03C Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Cable Assembly
.050” Right-Angle Digital Camera Cable – 26 position
14H26-SZ3X-XXX-03C
Mates to popular 3M MDR 26 position receptacle
For machine vision camera to frame grabber
communications in applications where full CameraLink
configuration is not necessary
3 shielded quads with drains and 5 unshielded twisted pairs
Entire cable bundle shielded with foil and braid for
additional signal protection
Rugged MDR ribbon type contact for reliable, repeatable
connectivity
Rugged thumbscrew retention
EMI shielded junction shell
See Regulatory Information Appendix (RIA) for chemical
compliance information
Date Modified: January 16, 2008
TS-2258-A
Sheet 1 of 3
Physical
Connector Contact Plating:
Wiping Area: 30 μ” [0.76 μ m] Min. Gold (RIA E1 & C1 apply)
Overmolded Shell:
Color: Black
Material: Polyvinyl Chloride (PVC)
Shell:
Color: Gray
Material: Polyester Elastomer
Cable:
Color: Gray
Jacket Material: Polyvinyl Chloride (PVC)
Flammability: AWM VW-1
Electrical
Voltage Rating: 30V
Current Rating: 1 A
Insulation Resistance: > 1 x 108
at 100 V
DC
Withstanding Voltage: 350 VRMS for 1 minute
Individually Shielded Twisted Pairs:
Characteristic Impedance: 100 ± 10
Conductor Size: 28 AWG Stranded
Skew (within pair): 50 ps/meter maximum
Skew (Channel skew per chipset): 100 ps/meter maximum
Environmental
Temperature Rating: -20 °C to +75 °C
UL File No.: E86982


Similar Part No. - 14H26-SZ3M-050-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 14H26-SZ3M-050-03C

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T36-SZ6B-100-0HC 3M-14T36-SZ6B-100-0HC Datasheet
351Kb / 7P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com