Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14H26-SZ3M-300-0LC Datasheet(PDF) 6 Page - 3M Electronics

Part # 14H26-SZ3M-300-0LC
Description  3M Mini D Ribbon (MDR) Cable Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

14H26-SZ3M-300-0LC Datasheet(HTML) 6 Page - 3M Electronics

  14H26-SZ3M-300-0LC Datasheet HTML 1Page - 3M Electronics 14H26-SZ3M-300-0LC Datasheet HTML 2Page - 3M Electronics 14H26-SZ3M-300-0LC Datasheet HTML 3Page - 3M Electronics 14H26-SZ3M-300-0LC Datasheet HTML 4Page - 3M Electronics 14H26-SZ3M-300-0LC Datasheet HTML 5Page - 3M Electronics 14H26-SZ3M-300-0LC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the accuracy or completeness
is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order
shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase.
3M MAKES NO OTHER WARRANTIES
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the
warranty period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product.
Except
where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of
the legal theory asserted.
Please recycle. Printed in USA.
© 3M 2008. All rights reserved.
RIA-2217B-D
3
3M Electronics Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
U.S.A.
1-800-225-5373
www.3m.com/interconnects
3M is a trademark of 3M Company.
Appendix C3: China RoHS
Electronic Industry Standard of the People’s Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for
Certain Hazardous Substances in Electronic Information Products.
This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that
the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration
values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls
or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this
information represents 3M’s best knowledge and belief based upon information provided by third party suppliers to 3M.
The numerical reference in the symbol above should not be construed as a representation regarding the product’s life or an
extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with
3M’s Regulatory Information Appendix, then 3M’s entire liability and Buyer’s exclusive remedy will be in accordance with the
product Warranty stated below.


Similar Part No. - 14H26-SZ3M-300-0LC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-300-03C 3M-14H26-SZ3M-300-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-300-04C 3M-14H26-SZ3M-300-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 14H26-SZ3M-300-0LC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-03C 3M-14B26-SZ3B-050-03C Datasheet
1Mb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14B26-SZ3B-050-04C 3M-14B26-SZ3B-050-04C Datasheet
676Kb / 6P
   3M Mini D Ribbon (MDR) Cable Assembly
14T36-SZ6B-100-0HC 3M-14T36-SZ6B-100-0HC Datasheet
351Kb / 7P
   3M Mini D Ribbon (MDR) Cable Assembly
14T50-SZWB-100-0NC 3M-14T50-SZWB-100-0NC Datasheet
125Kb / 5P
   3M Mini D Ribbon (MDR) Cable Assembly
14526-EZ5B-050-02C 3M-14526-EZ5B-050-02C Datasheet
317Kb / 4P
   3M Mini D Ribbon (MDR) Cable Assembly
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com