Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22317UFRTZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL22317UFRTZ
Description  Precision Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317UFRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL22317UFRTZ Datasheet HTML 1Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 2Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 3Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6912.1
April 15, 2010
Absolute Maximum Ratings
Thermal Information
Voltage at any Digital Interface Pin
with respect to GND. . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Voltage at any DCP Pin with respect to GND . . . . . . . . . .0V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 6) . . . . . . . . . . . . . . . . . . Class II, Level B at +125°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .500V
Thermal Resistance (Typical, Notes 4, 5)
θJA (°C/W) θJC(°C/W)
10 Lead TDFN . . . . . . . . . . . . . . . . .
44
3
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Extended Industrial). . . . . . . .-40°C to +125°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
VRH-VRL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V to VCC - 0.3V
VRW-VRL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3V to VCC - 0.3V
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15mW
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. Jedec Class II pulse conditions and failure criterion used. Level B exceptions is using a minimum negative pulse of -0.8V on the A1 pin.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
Ω
U option
50
k
Ω
T option
100
k
Ω
RH to RL Resistance Tolerance
U and T options
-3
±1
+3
%
W option
-4
±1
+4
%
End-to-End Temperature Coefficient
All options, match external reference TCr
TCref
±10
ppm/°C
VRH
DCP High Terminal Voltage
VRH to GND
VRL + 1
VCC - 0.3
V
VRL
DCP Low Terminal Voltage
VRL to GND
0
VCC - 1V
V
RW
Wiper Resistance
Precision On, RH - floating, VRL = 0V, force
IW current to wiper,
IW = (VCC - VRL)/RTOTAL
0
Ω
Precision Off, RH - floating, VRL = 0V, force
IW current to wiper,
IW = (VCC - VRL)/RTOTAL
70
Ω
RREF
External Reference Resistor
for W option, 0.5%
10
k
Ω
for U option, 0.5%
50
k
Ω
for T option, 0.5%
50
k
Ω
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
0.1
0.5
µA
VOLTAGE DIVIDER MODE (0V @ RL; VCC -0.3V @ RH; measured at RW, unloaded)
INL
(Note 12)
Integral Non-linearity
W, U or T option
VRL + 0.3V < VRW < VCC - 0.3V
-0.5
±0.1
0.5
LSB
(Note 8)
DNL
(Note 11)
Differential Non-linearity
W, U or T option
VRL + 0.3V < VRW < VCC - 0.3V
-0.5
±0.1
0.5
LSB
(Note 8)
ISL22317


Similar Part No. - ISL22317UFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
logo
Renesas Technology Corp
ISL22317UFRTZ RENESAS-ISL22317UFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Similar Description - ISL22317UFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com