Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22317WFRTZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL22317WFRTZ
Description  Precision Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317WFRTZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL22317WFRTZ Datasheet HTML 1Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 2Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 3Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317WFRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6912.1
April 15, 2010
Block Diagram
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
RESISTANCE OPTION
(k
Ω)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL22317TFRTZ
317T
100
-40 to +125
10 Ld TDFN
L10.3x3B
ISL22317UFRTZ
317U
50
-40 to +125
10 Ld TDFN
L10.3x3B
ISL22317WFRTZ
317W
10
-40 to +125
10 Ld TDFN
L10.3x3B
NOTES:
1. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL22317. For more information on MSL please see techbrief
TB363.
SCL
SDA
RREF
POWER-UP,
INTERFACE,
RH
RL
RW
GND
10k
Ω 0.5%
External Resistor
A1
VCC
REF_A
REF_B
for W option,
respectively
EEPROM
AND
CONTROL
LOGIC
or 50k
Ω 0.5%
for U and T options
Pinout
ISL22317
(10 LD TDFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
SCL
SDA
A1
REF_A
REF_B
VCC
RH
RW
RL
GND
Pin Descriptions
TDFN
PIN #
SYMBOL
DESCRIPTION
1
SCL
Open drain I2C interface clock input
2
SDA
Open drain Serial data I/O for the I2C interface
3
A1
Device address input for the I2C interface
4
REF_A
Terminal A for an external reference resistor
5
REF_B
Terminal B for an external reference resistor
6
GND
Device ground pin
7
RL
“Low” terminal of DCP
8
RW
“Wiper” terminal of DCP
9
RH
“High” terminal of DCP
10
VCC
Power supply pin
EPAD*
Exposed Die Pad internally connected to
GND
*PCB thermal land for QFN/TDFN EPAD should be connected to
GND plane or left floating. For more information refer to
http://www.intersil.com/data/tb/TB389.pdf
ISL22317


Similar Part No. - ISL22317WFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317WFRTZ INTERSIL-ISL22317WFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317WFRTZ INTERSIL-ISL22317WFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
logo
Renesas Technology Corp
ISL22317WFRTZ RENESAS-ISL22317WFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Similar Description - ISL22317WFRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317 INTERSIL-ISL22317 Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com