Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7905-40AI Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7905-40AI
Description  N-channel TrenchPLUS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7905-40AI Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7905-40AI Datasheet HTML 3Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 4Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 5Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 6Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 7Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 8Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 9Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 10Page - NXP Semiconductors BUK7905-40AI Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUK7905-40AI_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2009
7 of 14
NXP Semiconductors
BUK7905-40AI
N-channel TrenchPLUS standard level FET
Source-drain diode
VSD
source-drain voltage
IS =40A; VGS =0V; Tj = 25 °C; see
Figure 17
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs; VGS =-10 V;
VDS =30V; Tj =25°C
-96
-
ns
Qr
recovered charge
-
224
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
03ni86
0
100
200
300
400
024
68
10
VDS (V)
ID
(A)
4
4.5
5
5.5
6
6.5
7
7.5
8
10
20
Label is VGS (V)
03ni88
0
4
8
12
4
8
12
16
20
VGS (V)
RDSon
(m
Ω)
03ni87
0
5
10
15
20
0
100
200
300
400
ID (A)
RDSon
(m
Ω)
VGS = 5.5 V 6 V
6.5 V
7 V
8 V
10 V
20 V
Tj (°C)
−60
180
120
060
03ni30
0.8
1.2
0.4
1.6
2.0
a
0


Similar Part No. - BUK7905-40AI

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7905-40AI NEXPERIA-BUK7905-40AI Datasheet
719Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK7905-40AIE PHILIPS-BUK7905-40AIE Datasheet
143Kb / 16P
   TrenchPLUS standard level FET
Rev. 04-6 February 2004
BUK7905-40AIE NXP-BUK7905-40AIE Datasheet
224Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
logo
NXP Semiconductors
BUK7905-40AIE PHILIPS-BUK7905-40AIE_15 Datasheet
224Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-10 February 2009
More results

Similar Description - BUK7905-40AI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7909-75ATE PHILIPS-BUK7909-75ATE_15 Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com