Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9107-40ATC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK9107-40ATC
Description  N-channel TrenchPLUS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9107-40ATC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK9107-40ATC Datasheet HTML 4Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 5Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 6Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 7Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 8Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 9Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 10Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 11Page - NXP Semiconductors BUK9107-40ATC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BUK9107-40ATC_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 16 February 2009
8 of 15
NXP Semiconductors
BUK9107-40ATC
N-channel TrenchPLUS logic level FET
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of gate-source volatage; typical values
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
03ne77
0
50
100
150
200
250
300
350
400
02468
10
VDS(V)
ID
(A)
2.2
2.6
3
3.4
3.8
4.2
4.6
VGS = 5 V
6
10
2.4
2.8
3.2
3.6
4
4.4
03ne79
0
5
10
15
20
25
24
68
10
VGS (V)
RDSon
(m
Ω)
03ne78
6
8
10
12
14
16
0
50
100
150
200
250
300
ID (A)
RDSon
(m
Ω)
VGS = 3 V
3.2
3.4
3.6
3.8
4
5
10
03ne89
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
°C)
a


Similar Part No. - BUK9107-40ATC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9107-40ATC NEXPERIA-BUK9107-40ATC Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 04 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC PHILIPS-BUK9107-40ATC_15 Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
More results

Similar Description - BUK9107-40ATC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9C07-65BIT PHILIPS-BUK9C07-65BIT_15 Datasheet
375Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 03-15 July 2010
BUK9907-55ATE NXP-BUK9907-55ATE Datasheet
258Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9C10-55BIT PHILIPS-BUK9C10-55BIT_15 Datasheet
338Kb / 14P
   N-channel TrenchPLUS logic level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com