Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9620-100B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9620-100B
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9620-100B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9620-100B Datasheet HTML 2Page - NXP Semiconductors BUK9620-100B Datasheet HTML 3Page - NXP Semiconductors BUK9620-100B Datasheet HTML 4Page - NXP Semiconductors BUK9620-100B Datasheet HTML 5Page - NXP Semiconductors BUK9620-100B Datasheet HTML 6Page - NXP Semiconductors BUK9620-100B Datasheet HTML 7Page - NXP Semiconductors BUK9620-100B Datasheet HTML 8Page - NXP Semiconductors BUK9620-100B Datasheet HTML 9Page - NXP Semiconductors BUK9620-100B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BUK9620-100B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2009
6 of 12
NXP Semiconductors
BUK9620-100B
N-channel TrenchMOS logic level FET
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 13
-
0.86
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs; VGS =0V;
VDS =30V; Tj =25°C
-80
-
ns
Qr
recovered charge
-
272
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Sub-threshold drain current as a function of
gate-source voltage
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Fig 8.
Forward transconductance as a function of
drain current; typical values.
03aa36
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
0123
VGS (V)
ID
(A)
max
typ
min
003a a c771
0
30
60
90
120
150
01
23
45
VDS (V)
ID
(A)
3.4
3.2
4.5
3
2.7
2.5
10
VGS (V) =
003a a c772
12
16
20
24
28
246
8
10
VGS (V)
RDSon
(m
Ω)
003a a c774
0
40
80
120
160
0
30
60
90
120
ID (A)
gfs (S )


Similar Part No. - BUK9620-100B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9620-100B NEXPERIA-BUK9620-100B Datasheet
703Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02 - 6 May 2009
logo
NXP Semiconductors
BUK9620-100B PHILIPS-BUK9620-100B_15 Datasheet
203Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-6 May 2009
More results

Similar Description - BUK9620-100B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com