Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9907-55ATE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK9907-55ATE
Description  N-channel TrenchPLUS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9907-55ATE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK9907-55ATE Datasheet HTML 6Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 7Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 8Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 9Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 10Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 11Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 12Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 13Page - NXP Semiconductors BUK9907-55ATE Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BUK9907-55ATE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2009
10 of 15
NXP Semiconductors
BUK9907-55ATE
N-channel TrenchPLUS logic level FET
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 14. Gate-source voltage as a function of gate
charge; typical values
Fig 15. Forward voltage of temperature sense diode as
a function of junction temperature; typical
values
Fig 16. Temperature coefficient of temperature sense
diode as a function of forward voltage; typical
values
03ne80
0
20
40
60
80
100
0.0
1.0
2.0
3.0
VGS (V)
ID
(A)
Tj = 175 ºC
Tj =25ºC
03nf65
0
1
2
3
4
5
0
20
40
60
80
100
120
QG (nC)
VGS
(V)
VDS = 14 V
VDS = 44 V
Tj (°C)
0
200
150
50
100
03ne84
500
600
700
VF
(mV)
400
03ne85
VF (mV)
645
675
665
655
−1.50
−1.60
−1.70
SF
(mV/K)
−1.40
max
typ
min


Similar Part No. - BUK9907-55ATE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
More results

Similar Description - BUK9907-55ATE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9C07-65BIT PHILIPS-BUK9C07-65BIT_15 Datasheet
375Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 03-15 July 2010
BUK9C10-55BIT PHILIPS-BUK9C10-55BIT_15 Datasheet
338Kb / 14P
   N-channel TrenchPLUS logic level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com