Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1403D160 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DAC1403D160
Description  Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1403D160 Datasheet(HTML) 5 Page - NXP Semiconductors

  DAC1403D160 Datasheet HTML 1Page - NXP Semiconductors DAC1403D160 Datasheet HTML 2Page - NXP Semiconductors DAC1403D160 Datasheet HTML 3Page - NXP Semiconductors DAC1403D160 Datasheet HTML 4Page - NXP Semiconductors DAC1403D160 Datasheet HTML 5Page - NXP Semiconductors DAC1403D160 Datasheet HTML 6Page - NXP Semiconductors DAC1403D160 Datasheet HTML 7Page - NXP Semiconductors DAC1403D160 Datasheet HTML 8Page - NXP Semiconductors DAC1403D160 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DAC1403D160_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 14 August 2008
5 of 19
NXP Semiconductors
DAC1403D160
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
[1]
Type description: S: Supply; G: Ground; I: Input; O: Output.
VCCD
51
S
digital supply voltage
DGND
52
G
digital ground
DGND
53
G
digital ground
DGND
54
G
digital ground
DGND
55
G
digital ground
DGND
56
G
digital ground
GAPD
57
I
internal band gap power disable input
GAPOUT
58
I/O
band gap output voltage
QVIRES
59
I
Q DAC biasing resistor
IVIRES
60
I
I DAC biasing resistor
VCCA
61
S
analog supply voltage
AGND
62
G
analog ground
DEC
63
O
decoupling node
AGND
64
G
analog ground
VCCA
65
S
analog supply voltage
AGND
66
G
analog ground
AGND
67
G
analog ground
QOUTN
68
O
complementary Q DAC output current
QOUT
69
O
Q DAC output current
AGND
70
G
analog ground
AGND
71
G
analog ground
IOUTN
72
O
complementary I DAC output current
IOUT
73
O
I DAC output current
AGND
74
G
analog ground
AGND
75
G
analog ground
VCCA
76
S
analog supply voltage
AGND
77
G
analog ground
DEC
78
O
decoupling node
AGND
79
G
analog ground
VCCA
80
S
analog supply voltage
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - DAC1403D160

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160HW IDT-DAC1403D160HW Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
More results

Similar Description - DAC1403D160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com