Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1405D650 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DAC1405D650
Description  Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1405D650 Datasheet(HTML) 1 Page - NXP Semiconductors

  DAC1405D650 Datasheet HTML 1Page - NXP Semiconductors DAC1405D650 Datasheet HTML 2Page - NXP Semiconductors DAC1405D650 Datasheet HTML 3Page - NXP Semiconductors DAC1405D650 Datasheet HTML 4Page - NXP Semiconductors DAC1405D650 Datasheet HTML 5Page - NXP Semiconductors DAC1405D650 Datasheet HTML 6Page - NXP Semiconductors DAC1405D650 Datasheet HTML 7Page - NXP Semiconductors DAC1405D650 Datasheet HTML 8Page - NXP Semiconductors DAC1405D650 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1.
General description
The DAC1405D650 is a high-speed 14-bit dual channel Digital-to-Analog Converter (DAC)
with selectable 2
×, 4× or 8× interpolating filters optimized for multi-carrier wireless
transmitters.
Thanks to its digital on-chip modulation, the DAC1405D650 allows the complex I and Q
inputs to be converted up from baseband to IF. The mixing frequency is adjusted via a
Serial Peripheral Interface (SPI) with a 32-bit Numerically Controlled Oscillator (NCO) and
the phase is controlled by a 16-bit register.
Two modes of operation are available: separate data ports or a single interleaved
high-speed data port. In the Interleaved mode, the input data stream is demultiplexed into
its original I and Q data and then latched.
The DAC1405D650 also includes a 2
×, 4× and 8× clock multiplier which provides the
appropriate internal clocks and an internal regulator to adjust the output full-scale current.
2.
Features
DAC1405D650
Dual 14-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
Rev. 01 — 4 May 2009
Product data sheet
I Dual 14-bit resolution
I IMD3: 80 dBc; fs = 640 Msps; fo =96MHz
I 650 Msps maximum update rate
I ACPR: 71 dBc; 2 carriers WCDMA;
fs = 614.4 Msps; fo = 96 MHz; PLL on
I Selectable 2×, 4× or 8× interpolation
filters
I Typical 0.95 W power dissipation at 4×
interpolation
I Input data rate up to 160 Msps
I Power-down and Sleep modes
I Very low noise cap-free integrated PLL I Differential scalable output current from
1.6 mA to 22 mA
I 32-bit programmable NCO frequency I On-chip 1.25 V reference
I Dual port or Interleaved data modes
I External analog offset control
(10-bit auxiliary DACs)
I 1.8 V and 3.3 V power supplies
I Internal digital offset control
I LVDS compatible clock
I Inverse (sin x) / x function
I Two’s complement or binary offset
data format
I Fully compatible SPI port
I 3.3 V CMOS input buffers
I Industrial temperature range from
−40 °C to +85 °C


Similar Part No. - DAC1405D650

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1405D650HW IDT-DAC1405D650HW Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650HW RENESAS-DAC1405D650HW Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
More results

Similar Description - DAC1405D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1005D650 NXP-DAC1005D650 Datasheet
202Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1205D650 NXP-DAC1205D650 Datasheet
203Kb / 42P
   Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com