Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1405D750 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # DAC1405D750
Description  Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1405D750 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button DAC1405D750 Datasheet HTML 7Page - NXP Semiconductors DAC1405D750 Datasheet HTML 8Page - NXP Semiconductors DAC1405D750 Datasheet HTML 9Page - NXP Semiconductors DAC1405D750 Datasheet HTML 10Page - NXP Semiconductors DAC1405D750 Datasheet HTML 11Page - NXP Semiconductors DAC1405D750 Datasheet HTML 12Page - NXP Semiconductors DAC1405D750 Datasheet HTML 13Page - NXP Semiconductors DAC1405D750 Datasheet HTML 14Page - NXP Semiconductors DAC1405D750 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DAC1405D750_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 10 March 2010
11 of 43
NXP Semiconductors
DAC1405D750
Dual 14-bit DAC, up to 750 Msps; 4
× and 8× interpolating
Input timing (see Figure 10)
fdata
data rate
Dual-port mode input
C
-
-
185
MHz
tw(CLK)
CLK pulse width
C
40
-
60
%
th(i)
input hold time
C
<tbd>
-
-
ns
tsu(i)
input set-up time
C
<tbd>
-
-
ns
SYNC signal
td
delay time
fSYNC = fs / 4
C
-
0.21
-
ns
fSYNC = fs /8
C
-
0.3
-
ns
variation
C
-
0.27
-
ps/
°C
Output timing
fs
sampling frequency
C
-
-
750
Msps
ts
settling time
to
± 0.5 LSB
D
-
20
-
ns
NCO frequency range
fNCO
NCO frequency
register values
00000000h
D
-
0
-
MHz
FFFFFFFFh
D
-
740
-
MHz
fstep
step frequency
D
-
0.172
-
Hz
Low-power NCO frequency range
fNCO
NCO frequency
register values
00000000h
D
-
0
-
MHz
F8000000h
D
-
716.875
-
MHz
fstep
step frequency
D
-
23.125
-
MHz
Dynamic performance
SFDR
spurious-free dynamic
range
fs = 737.28 Msps
fdata = 91.6 MHz; B = fdata /2
fo = 4 MHz; 0 dBFS
C
-
76
-
dBc
fdata = 184.32 MHz; B = fdata /2
fo =19MHz; 0dBFS
I
-
74
-
dBc
fo =70MHz; 0dBFS
C
-
86
-
dBc
SFDRRBW
restricted bandwidth
spurious-free dynamic
range
fo = 153.6 MHz; 0 dBFS; fdata = 184.32 MHz; fs = 737.28 Msps
B = 20 MHz
C
-
85
-
dBc
B = 100 MHz
C
-
83
-
dBc
B = 20 MHz; 8-tone;
500 kHz spacing
C-
75
-
dBc
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD(1V8) = 1.8 V; VDDA(3V3) =VDD(IO)(3V3) = 3.3 V; AGND, DGND and GNDIO shorted together;
Tamb = 40 °Cto+85 °C; typical values measured at Tamb =25 °C; RL = 50 Ω differential; IO(fs) = 20 mA; PLL off unless
otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


Similar Part No. - DAC1405D750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1405D750HW PHILIPS-DAC1405D750HW Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
More results

Similar Description - DAC1405D750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
logo
Renesas Technology Corp
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
   Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com