Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62C15IRGCTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62C15IRGCTG4
Description  Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62C15IRGCTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS62C15IRGCTG4 Datasheet HTML 3Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 4Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 5Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 6Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 7Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 8Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 9Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 10Page - Texas Instruments ADS62C15IRGCTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
DIGITAL CHARACTERISTICS
ADS62C15
www.ti.com....................................................................................................................................................... SLAS577D – JANUARY 2008 – REVISED JULY 2009
ELECTRICAL CHARACTERISTICS (continued)
Typical values at 25°C, min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3
V, DRVDD = 1.8 V to 3.3 V, sampling frequency = 125 MSPS, 50% clock duty cycle, –1 dBFS differential analog input,
internal reference mode, SNRBoost disabled, applies to CMOS and LVDS interfaces (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Cross-talk
Cross-talk signal frequency up to 100 MHz
95
dB
For 100 mVPP signal on AVDD supply, frequency up
PSRR
AC Power supply rejection ratio
45
dBc
to 10 MHz
Table 1. SNR Improvement with SNRBoost Sampling Frequency at 125 MSPS (1)(2)
SNR, SIGNAL TO NOISE RATIO (TYP)
dBFS
INPUT FREQUENCY
BANDWIDTH
MHz
MHz
SNRBoost disabled, dB
SNRBoost enabled, dB
MIN
TYP
MIN
TYP
5
77
78.1
81
85.1
10
74
75.1
78
82
117
15
72
73.3
76
79.6
20
71
72.1
74.5
77.5
(1)
The min SNR value with SNRBoost enabled is specified by design and characterization; it is not tested in production.
(2)
This table shows the SNR improvement over some selected bandwidths. With SNRBoost, SNR improvement can be achieved for any
bandwidth less than (Sampling frequency/2). As the bandwidths increase, the amount of improvement reduces.
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD = 3.3 V, DRVDD = 1.8 V to 3.3 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
33
µA
Low-level input current
–33
µA
Input capacitance
4
Pf
DIGITAL OUTPUTS – CMOS MODE, DRVDD = 1.8 to 3.3 V
High-level output voltage
DRVDD
V
Low-level output voltage
0
V
Output capacitance (internal to device)
2
pF
DIGITAL OUTPUTS – LVDS MODE(1) (2), DRVDD = 3.3 V
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
|VOD|
Output differential voltage
250
350
500
mV
VOS
Output offset voltage
Common-mode voltage of OUTP and OUTM
1200
mV
Output capacitance inside the device, from
Output Capacitance
2
pF
either output to ground
(1)
LVDS buffer current setting, IO = 3.5 mA.
(2)
External differential load resistance between the LVDS output pairs, RLOAD = 100 Ω.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS62C15


Similar Part No. - ADS62C15IRGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C15IRGCTG4 TI-ADS62C15IRGCTG4 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62C15IRGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com