Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1209SPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1209SPWR
Description  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1209SPWR Datasheet(HTML) 4 Page - Texas Instruments

  ADS1209SPWR Datasheet HTML 1Page - Texas Instruments ADS1209SPWR Datasheet HTML 2Page - Texas Instruments ADS1209SPWR Datasheet HTML 3Page - Texas Instruments ADS1209SPWR Datasheet HTML 4Page - Texas Instruments ADS1209SPWR Datasheet HTML 5Page - Texas Instruments ADS1209SPWR Datasheet HTML 6Page - Texas Instruments ADS1209SPWR Datasheet HTML 7Page - Texas Instruments ADS1209SPWR Datasheet HTML 8Page - Texas Instruments ADS1209SPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADS1209
SBAS491 – FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over operating ambient temperature range of –40°C to +105°C, AVDD = 5V, BVDD = 3V, CHx+ = 0.2V to 4.8V, CHx– =
2.5V, VREFIN = VREFOUT = 2.5V (internal), CLKIN = 20MHz, and 16-bit Sinc
3 filter with OSR = 256, unless otherwise noted.
ADS1209
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SAMPLING DYNAMICS
CLKSEL = 1, –40°C
≤ TA ≤ +85°C
8
10
12
MHz
fCLK
Internal clock frequency
CLKSEL = 1,
7.8
10
12
MHz
–40°C
≤ TA ≤ +105°C
fCLKIN
External clock frequency
CLKSEL = 0
1
20
24
MHz
AC ACCURACY
THD
Total harmonic distortion
VIN = ±2.3VPP at 5kHz
–85
–80
dB
SFDR
Spurious-free dynamic range
VIN = ±2.3VPP at 5kHz
82
86
dB
VIN = ±2.3VPP at 5kHz
86
90
dB
SNR
Signal-to-noise ratio
VIN = ±2.0VPP at 5kHz
85
89
dB
SINAD
Signal-to-noise + distortion
VIN = ±2.3VPP at 5kHz
80
84
dB
Channel-to-channel isolation
VIN = ±2.3VPP at 5kHz
100
dB
REFERENCE VOLTAGE OUTPUT
VREFOUT
Reference output voltage
2.450
2.5
2.550
V
TCVREFOUT
Reference output voltage drift
±20
ppm/°C
f = 0.1Hz to 10Hz, CL = 10mF
10
mVRMS
Output voltage noise
f = 10Hz to 10kHz, CL = 10mF
12
mVRMS
IREFOUT
Output current
10
mA
IREFSC
Short-circuit current
0.5
mA
Turn-on settling time
To accuracy level of 0.1%, no load
100
ms
REFERENCE VOLTAGE INPUT
VREFIN
Input voltage
0.5
2.5
2.6
V
RREFIN
Input resistance
100
M
CREFIN
Input capacitance
5
pF
IREFIN
Input current
1
mA
DIGITAL INPUTS
Logic family
CMOS with Schmitt Trigger
VIH
High-level input voltage
0.7 × BVDD
BVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 × BVDD
V
IIN
Input current
VIN = BVDD or BGND
±50
nA
CI
Input capacitance
5
pF
DIGITAL OUTPUTS
Logic family
CMOS
VOH
High-level output voltage
BVDD = 4.5V, IOH = –100mA
4.44
V
VOL
Low-level output voltage
BVDD = 4.5V, IOL = +100mA
0.5
V
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format
Bit stream
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1209


Similar Part No. - ADS1209SPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209SPWR TI-ADS1209SPWR Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1209SPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com