Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27541-V200 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27541-V200
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27541-V200 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27541-V200 Datasheet HTML 1Page - Texas Instruments BQ27541-V200 Datasheet HTML 2Page - Texas Instruments BQ27541-V200 Datasheet HTML 3Page - Texas Instruments BQ27541-V200 Datasheet HTML 4Page - Texas Instruments BQ27541-V200 Datasheet HTML 5Page - Texas Instruments BQ27541-V200 Datasheet HTML 6Page - Texas Instruments BQ27541-V200 Datasheet HTML 7Page - Texas Instruments BQ27541-V200 Datasheet HTML 8Page - Texas Instruments BQ27541-V200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
bq27541-V200
www.ti.com
SLUSA11 – FEBRUARY 2010
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VI
Regulator input, REGIN
–0.3 to 24
V
VCC
Supply voltage range
–0.3 to 2.75
V
VIOD
Open-drain I/O pins (SDA, SCL, HDQ)
–0.3 to 6
V
VBAT
BAT input, (pin 4)
–0.3 to 6
V
VI
Input voltage range to all others (pins 1, 7, 8, 9)
–0.3 to VCC + 0.3
V
Human Body Model (HBM), BAT pin
1.5
ESD
kV
Human Body Model (HBM), all pins
2
TF
Functional temperature range
–40 to 100
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
PACKAGE(1)
TA ≤ 40°C
DERATING FACTOR
RqJA
POWER RATING
TA ≤ 40°C
12-pin DRZ(2)
482 mW
5.67 mW/°C
176°C/W
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
This data is based on using a 4-layer JEDEC high-K board with the exposed die pad connected to a Cu pad on the board. The board
pad is connected to the ground plane by a 2- × 2-via matrix.
RECOMMENDED OPERATING CONDITIONS
TA = -40°C to 85°C; typical values at TA = 25°C and V(REGIN) = VBAT = 3.6 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
No operating restrictions
2.7
5.5
VI
Supply voltage, REGIN
V
No FLASH writes
2.45
2.7
Fuel gauge in NORMAL mode.
ICC
Normal operating mode current (1)
131
mA
ILOAD > Sleep Current
Fuel gauge in SLEEP mode.
I(SLP)
Low-power operating mode current(1)
60
mA
ILOAD < Sleep Current
Fuel gauge in FULLSLEEP mode.
I(FULLSLP)
Low-power operating mode current(1)
21
mA
ILOAD < Sleep Current
Fuel gauge in HIBERNATE mode.
I(HIB)
Hibernate operating mode current (1)
6
mA
ILOAD < Hibernate Current
Output voltage low (HDQ, SDA, SCL,
VOL
IOL = 3 mA
0.4
V
SE)
VOH(PP)
Output high voltage (SE)
IOH = –1 mA
VCC–0.5
V
External pull-up resistor connected
VOH(OD)
Output high voltage (HDQ, SDA, SCL)
VCC–0.5
V
to Vcc
VIL
Input voltage low (HDQ, SDA, SCL)
–0.3
0.6
V
VIH
Input voltage high (HDQ, SDA, SCL)
1.2
6
V
V(A1)
Input voltage range (TS)
VSS–0.125
2
V
V(A2)
Input voltage range (BAT)
VSS–0.125
5
V
V(A3)
Input voltage range (SRP, SRN)
VSS–0.125
0.125
V
Ilkg
Input leakage current (I/O pins)
0.3
mA
tPUCD
Power-up communication delay
250
ms
(1)
Specified by design. Not tested in production.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq27541-V200


Similar Part No. - BQ27541-V200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27541-V200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com