Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments CDCE62005 Datasheet HTML 10Page - Texas Instruments CDCE62005 Datasheet HTML 11Page - Texas Instruments CDCE62005 Datasheet HTML 12Page - Texas Instruments CDCE62005 Datasheet HTML 13Page - Texas Instruments CDCE62005 Datasheet HTML 14Page - Texas Instruments CDCE62005 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage range(2)
-0.5 to 4.6
V
VI
Input voltage range(3)
–0.5 to VCC + 0.5
V
VO
Output voltage range(3)
–0.5 to VCC + 0.5
V
Input Current (VI < 0, VI > VCC)
±20
mA
Output current for LVPECL/LVCMOS Outputs (0 < VO < VCC)
±50
mA
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All supply voltages have to be supplied simultaneously.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp–current ratings are observed.
THERMAL CHARACTERISTICS
Package Thermal Resistance for QFN (RGZ) Package
(1) (2)
AIRFLOW (lfm)
qJP (°C/W)
(3)
qJA (°C/W)
0
JEDEC Compliant Board (6X6 VIAs on PAD)
2
28.9
100
JEDEC Compliant Board (6X6 VIAs on PAD)
2
20.4
0
Recommended Layout (7X7 VIAs on PAD)
2
27.3
100
Recommended Layout (7X7 VIAs on PAD)
2
20.3
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(2)
Connected to GND with 36 thermal vias (0,3 mm diameter).
(3)
qJP (Junction – Pad) is used for the QFN Package, because the main heat flow is from the Junction to the GND-Pad of the QFN.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com