Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMZ43T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # KMZ43T
Description  Magnetic field sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMZ43T Datasheet(HTML) 1 Page - NXP Semiconductors

  KMZ43T Datasheet HTML 1Page - NXP Semiconductors KMZ43T Datasheet HTML 2Page - NXP Semiconductors KMZ43T Datasheet HTML 3Page - NXP Semiconductors KMZ43T Datasheet HTML 4Page - NXP Semiconductors KMZ43T Datasheet HTML 5Page - NXP Semiconductors KMZ43T Datasheet HTML 6Page - NXP Semiconductors KMZ43T Datasheet HTML 7Page - NXP Semiconductors KMZ43T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
The KMZ43T is a sensitive magnetic field sensor, employing the magnetoresistive effect
of thin-film permalloy. The sensor contains two galvanic separated Wheatstone bridges, at
a relative angle of 45
° to one another.
A rotating magnetic field in the x-y plane will produce two independent sinusoidal output
signals, one a function of +cos(2
α) and the second a function of +sin(2α), α being the
angle between sensor and field direction (see Figure 2). The KMZ43T is suited to high
precision angle measurement applications under low field conditions (saturation field
strength 25 kA/m).
The sensor can be operated at any frequency between 0 Hz and 1 MHz.
1.2 Features
I Accurate and reliable angle measurement
I Mechanical robustness, contactless principle
I Wear-free operation
I Accuracy independent of mechanical tolerances
I Extended temperature range
1.3 Applications
1.4 Quick reference data
[1]
Applicable for bridge 1 and bridge 2.
[2]
Bridge resistance between pin 4 to pin 8, pin 3 to pin 7, pin 1 to pin 5 and pin 2 to pin 6.
KMZ43T
Magnetic field sensor
Rev. 05 — 4 March 2009
Product data sheet
I Steering angle and torsion
I Window wipers
I Headlight adjustment
I Fuel level
I Motor positioning
I Mirror positioning
Table 1.
Quick reference data
Tamb =25 °C and Hext = 25 kA/m; VCC = 5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
[1] -
59V
Vpeak
peak output voltage
see Figure 2
[1] 60
67
75
mV
Voffset
offset voltage
per supply voltage;
see Figure 2
[1]
−2
-
+2
mV/V
Rbridge
bridge resistance
[1][2] 2.7
3.2
3.7
k


Similar Part No. - KMZ43T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
More results

Similar Description - KMZ43T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com