Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5612ADKD Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5612ADKD
Description  125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5612ADKD Datasheet(HTML) 1 Page - Texas Instruments

  TAS5612ADKD Datasheet HTML 1Page - Texas Instruments TAS5612ADKD Datasheet HTML 2Page - Texas Instruments TAS5612ADKD Datasheet HTML 3Page - Texas Instruments TAS5612ADKD Datasheet HTML 4Page - Texas Instruments TAS5612ADKD Datasheet HTML 5Page - Texas Instruments TAS5612ADKD Datasheet HTML 6Page - Texas Instruments TAS5612ADKD Datasheet HTML 7Page - Texas Instruments TAS5612ADKD Datasheet HTML 8Page - Texas Instruments TAS5612ADKD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
0,1
1
10
4Ohm (6kHz)
4Ohm (1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
0,001
0,01
0,1
1
10
0,01
1
100
P
O - Output Power - W
4Ohm (6kHz)
4Ohm (1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
TC = 75 C
CONFIG = BTL
TAS5612A
www.ti.com
SLAS710 – JUNE 2010
125W STEREO / 250W MONO PurePath™ HD DIGITAL-INPUT POWER STAGE
Check for Samples: TAS5612A
1
FEATURES
APPLICATIONS
Home Theater Systems
23
PurePath™ HD Enabled Integrated Feedback
Provides:
AV Receivers
DVD/Blu-ray™ Disc Receivers
Signal Bandwidth up to 80kHz for High
Frequency Content From HD Sources
Mini Combo Systems
Active Speakers and Subwoofers
Ultralow 0.03% THD at 1W into 4
Ultralow 0.01% THD at 1W into 8
DESCRIPTION
Flat THD at all Frequencies for Natural
Sound
The TAS5612A is a high performance digital input
Class
D
amplifier
with
integrated
closed
loop
80dB PSRR (BTL, No Input Signal)
feedback technology (known as PurePath™ HD) with
>100dB (A weighted) SNR
the ability to drive up to 125W (1) Stereo into 4 to 8
Click and Pop Free Startup
Speakers from a single 32.5V supply.
Pin compatible with TAS5631, TAS5616 and
PurePath™
HD
technology
enables
traditional
TAS5614
AB-Amplifier performance (<0.03% THD) levels while
providing the power efficiency of traditional class D
Multiple Configurations Possible on the Same
amplifiers.
PCB With Stuffing Options:
Mono Parallel Bridge Tied Load (PBTL)
Unlike traditional Class D amplifiers, the distortion
curve only increases once the output levels move into
Stereo Bridge Tied Load (BTL)
clipping. PurePath™ HD Power PAD™
2.1 Single Ended Stereo Pair and Bridge
PurePath™ HD technology enables lower idle losses
Tied Load Subwoofer
making the device even more efficient.
Total Output Power at 10%THD+N
250W in Mono PBTL Configuration
125W per Channel in Stereo BTL
Configuration
Total Output Power in BTL configuration at
1%THD+N
130W Stereo into 3
Ω
105W Stereo into 4
Ω
70W Stereo into 6
Ω
55W Stereo into 8
Ω
>90% Efficient Power Stage With 60-m
Output MOSFETs
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
EMI Compliant When Used With
Recommended System Design
(1)
Achievable output power levels are dependent on the thermal
Two Thermally Enhanced Package Options:
configuration of the target application. A high performance
PHD (64-Pin QFP)
thermal interface material between the package exposed
heatslug and the heat sink should be used to achieve high
DKD (44-Pin PSOP3)
output power levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath, Power PAD are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5612ADKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5612ADKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612 TI-TAS5612 Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com