Electronic Components Datasheet Search |
|
TL16C752C Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TL16C752C Datasheet(HTML) 3 Page - Texas Instruments |
3 / 52 page 1 2 3 4 5 6 7 8 23 24 22 21 20 19 18 17 D6 D7 RXB RXA TXA TXB CSA CSB RESET DTRB DTRA RTSA INTA INTB A0 A1 TL16C752CRHB TL16C752C www.ti.com .................................................................................................................................................... SLLS646A – MARCH 2008 – REVISED AUGUST 2009 RHB PACKAGE (TOP VIEW) NOTE: The 32-pin RHB package does not provide access to DSRA, DSRB, RIA, RIB, CDA, CDB inputs or OPA, OPB, RXRDYA, RXRDYB, TXRDYA outputs. TERMINAL FUNCTIONS TERMINAL NO. I/O DESCRIPTION NAME PFB RHB Address bit 0 select. Internal registers address selection. Refer to Table 9 for Register A0 28 18 I Address Map. Address bit 1 select. Internal registers address selection. Refer to Table 9 for Register A1 27 17 I Address Map. Address bit 2 select. Internal registers address selection. Refer to Table 9 for Register A2 26 16 I Address Map. Carrier detect (active low). These inputs are associated with individual UART channels A CDA, CDB, 40, 16 I through B. A low on these pins indicates that a carrier has been detected by the modem for that channel. Chip select A and B (active low). These pins enable data transfers between the user CSA, CSB, 10, 11 7, 8 I CPU and the TL16C752C for the channel(s) addressed. Individual UART sections (A, B, C, D) are addressed by providing a low on the respective CSA through CSD pin. Clear to send (active low). These inputs are associated with individual UART channels A and B. A low on the CTS pins indicates the modem or data set is ready to accept CTSA, CTSB, 38, 23 25, 15 I transmit data from the TL16C752C. Status can be checked by reading MSR[4]. These pins only affect the transmit and receive operations when auto CTS function is enabled through the enhanced feature register (EFR[7]), for hardware flow control operation. Data bus (bidirectional). These pins are the eight-bit, 3-state data bus for transferring D0–D4, 44–48, 27–31 I/O information to or from the controlling CPU. D0 is the least significant bit and the first data D5–D7 1–3 32, 1, 2 bit in a transmit or receive serial data stream. Data set ready (active low). These inputs are associated with individual UART channels DSRA, DSRB, 39, 20 I A through B. A low on these pins indicates the modem or data set is powered on and is ready for data exchange with the UART. Data terminal ready (active low). These outputs are associated with individual UART channels A through B. A low on these pins indicates that the TL16C752C is powered on and ready. These pins can be controlled through the modem control register. Writing a 1 DTRA, DTRB, 34, 35 22, 23 O to MCR[0] sets the DTR output to low, enabling the modem. The output of these pins is high after writing a 0 to MCR[0], or after a reset. These pins can also be used in the RS-485 mode to control an external RS-485 driver or transceiver. Copyright © 2008–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TL16C752C |
Similar Part No. - TL16C752C |
|
Similar Description - TL16C752C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |