Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2560 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2560
Description  DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2560 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2560 Datasheet HTML 7Page - Texas Instruments TPS2560 Datasheet HTML 8Page - Texas Instruments TPS2560 Datasheet HTML 9Page - Texas Instruments TPS2560 Datasheet HTML 10Page - Texas Instruments TPS2560 Datasheet HTML 11Page - Texas Instruments TPS2560 Datasheet HTML 12Page - Texas Instruments TPS2560 Datasheet HTML 13Page - Texas Instruments TPS2560 Datasheet HTML 14Page - Texas Instruments TPS2560 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS2560
TPS2561
www.ti.com
SLVS930 – DECEMBER 2009
FAULTx RESPONSE
The FAULTx open-drain outputs are asserted (active low) on an individual channel during an overcurrent or
overtemperature condition. The TPS2560/61 asserts the FAULTx signal until the fault condition is removed and
the device resumes normal operation on that channel. The TPS2560/61 is designed to eliminate false FAULTx
reporting by using an internal delay "deglitch" circuit (9-ms typ) for overcurrent conditions without the need for
external circuitry. This ensures that FAULTx is not accidentally asserted due to normal operation such as starting
into a heavy capacitive load. The deglitch circuitry delays entering and leaving current-limited induced fault
conditions. The FAULTx signal is not deglitched when the MOSFET is disabled due to an overtemperature
condition but is deglitched after the device has cooled and begins to turn on. This unidrectional deglitch prevents
FAULTx oscillation during an overtemperature event.
UNDERVOLTAGE LOCKOUT (UVLO)
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO
turn-on threshold. Built-in hysteresis prevents unwanted on/off cycling due to input voltage droop during turn on.
ENABLE (ENx OR ENx)
The logic enables control the power switches and device supply current. The supply current is reduced to less
than 2-
μA when a logic high is present on ENx or when a logic low is present on ENx. A logic low input on ENx
or a logic high input on ENx enables the driver, control circuits, and power switches. The enable inputs are
compatible with both TTL and CMOS logic levels.
THERMAL SENSE
The TPS2560/61 self protects by using two independent thermal sensing circuits that monitor the operating
temperature of the power switch and disable operation if the temperature exceeds recommended operating
conditions. Each channel of the TPS2560/61 operates in constant-current mode during an overcurrent conditions,
which increases the voltage drop across the power switch. The power dissipation in the package is proportional
to the voltage drop across the power switch, which increases the junction temperature during an overcurrent
condition. The first thermal sensor (OTSD) turns off the individual power switch channel when the die
temperature exceeds 135°C (min) and the channel is in current limit. Hysteresis is built into the thermal sensor,
and the switch turns on after the device has cooled approximately 20°C.
The TPS2560/61 also has a second ambient thermal sensor (OTSD2). The ambient thermal sensor turns off both
power switch channels when the die temperature exceeds 155°C (min) regardless of whether the power switch
channels are in current limit and will turn on the power switches after the device has cooled approximately 20°C.
The TPS2560/61 continues to cycle off and on until the fault is removed.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2560 TPS2561


Similar Part No. - TPS2560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2560ADRC TI1-TPS2560ADRC Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2560ADRCR TI1-TPS2560ADRCR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2560ADRCT TI1-TPS2560ADRCT Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
More results

Similar Description - TPS2560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com