Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2560DRC Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2560DRC
Description  DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2560DRC Datasheet(HTML) 3 Page - Texas Instruments

  TPS2560DRC Datasheet HTML 1Page - Texas Instruments TPS2560DRC Datasheet HTML 2Page - Texas Instruments TPS2560DRC Datasheet HTML 3Page - Texas Instruments TPS2560DRC Datasheet HTML 4Page - Texas Instruments TPS2560DRC Datasheet HTML 5Page - Texas Instruments TPS2560DRC Datasheet HTML 6Page - Texas Instruments TPS2560DRC Datasheet HTML 7Page - Texas Instruments TPS2560DRC Datasheet HTML 8Page - Texas Instruments TPS2560DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS2560
TPS2561
www.ti.com
SLVS930 – DECEMBER 2009
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage, IN
2.5
6.5
V
VENx
TPS2560
0
6.5
Enable voltage
V
V/ENx
TPS2561
0
6.5
VIH
High-level input voltage on ENx or ENx
1.1
V
VIL
Low-level input voltage on ENx or ENx
0.66
IOUTx
Continuous output current per channel, OUTx
0
2.5
A
Continuous FAULTx sink current
0
10
mA
TJ
Operating virtual junction temperature
–40
125
°C
RILIM
Recommended resistor limit range
20
187
k
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, V/ENx = 0 V, or VENx = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
TJ = 25 °C
44
50
Static drain-source on-state
rDS(on)
m
resistance per channel, IN to OUTx
–40 °C
≤TJ ≤125 °C
70
VIN = 6.5 V
2
3
4
tr
Rise time, output
VIN = 2.5 V
1
2
3
CLx = 1 μF, RLx = 100 Ω,
ms
(see Figure 2)
VIN = 6.5 V
0.6
0.8
1.0
tf
Fall time, output
VIN = 2.5 V
0.4
0.6
0.8
ENABLE INPUT EN OR EN
Enable pin turn on/off threshold
0.66
1.1
V
Hysteresis
55(2)
mV
IEN
Input current
VENx = 0 V or 6.5 V, V/ENx = 0 V or 6.5 V
–0.5
0.5
μA
ton
Turnon time
9
ms
CLx = 1 μF, RLx = 100 Ω, (see Figure 2)
toff
Turnoff time
6
ms
CURRENT LIMIT
RILIM = 20 kΩ
2590
2800
3005
Current-limit threshold per channel (Maximum DC output current
IOS
IOUTx delivered to load) & Short-circuit current, OUTx connected to
RILIM = 61.9 kΩ
800
900
1005
mA
GND
RILIM = 100 kΩ
470
560
645
tIOS
Response time to short circuit
VIN = 5.0 V (see Figure 3)
3.5(2)
μs
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
These parameters are provided for reference only, and do not constitute part of TI's published specifications for purposes of TI's product
warranty.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2560 TPS2561


Similar Part No. - TPS2560DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560DRC TI-TPS2560DRC Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCR TI-TPS2560DRCR Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCR TI1-TPS2560DRCR Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560DRCT TI-TPS2560DRCT Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560DRCT TI1-TPS2560DRCT Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
More results

Similar Description - TPS2560DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com