Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54292 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54292 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54292 Datasheet HTML 1Page - Texas Instruments TPS54292 Datasheet HTML 2Page - Texas Instruments TPS54292 Datasheet HTML 3Page - Texas Instruments TPS54292 Datasheet HTML 4Page - Texas Instruments TPS54292 Datasheet HTML 5Page - Texas Instruments TPS54292 Datasheet HTML 6Page - Texas Instruments TPS54292 Datasheet HTML 7Page - Texas Instruments TPS54292 Datasheet HTML 8Page - Texas Instruments TPS54292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, PVDD1 and 2 = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOTSTRAP (Applied to both channels)
RBOOT
Bootstrap switch resistance
R(BP to BOOT), I external = 10 mA
33
Ω
PGOOD
VUV
Feedback voltage limit for PGOOD
660
730
mV
VPG-HYST
(3)
PGOOD hysteresis voltage on FB
40
mV
OUTPUT STAGE (Applied to both channels)
On resistance of high-side FET
RDS(on1)(HS)
(3)
170
265
m
Ω
and bondwire on CH1
On resistance of high-side FET
RDS(on2)(HS)
(3)
120
190
m
Ω
and bondwire on CH2
On resistance of low-side FET and
m
Ω
RDS(on1)(LS)
(3)
120
190
bondwire on CH1
On resistance of low-side FET and
RDS(on2)(LS)
(3)
90
150
m
Ω
bondwire on CH2
tON_MIN
(3)
Miimum controllable pulse width
150
ns
Minimum duty
VFB = 0.9 V
0%
cycle
HDRV off to LDRV on
20
ns
tDEAD
(3)
Output driver dead time
LDRV off to HDRV on
20
ns
TPS54290
90%
96%
DMAX
Maximum duty cycle
TPS54291
85%
91%
TPS54292
78%
82%
THERMAL SHUTDOWN
TSD
(3)
Shutdown temperature
145
°C
TSD_HYS
(3)
Hysteresis
20
°C
(3)
Specified by design. Not tested in production.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI1-TPS54292 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI1-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com