Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79501DCQ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79501DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79501DCQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79501DCQ Datasheet HTML 3Page - Texas Instruments TPS79501DCQ Datasheet HTML 4Page - Texas Instruments TPS79501DCQ Datasheet HTML 5Page - Texas Instruments TPS79501DCQ Datasheet HTML 6Page - Texas Instruments TPS79501DCQ Datasheet HTML 7Page - Texas Instruments TPS79501DCQ Datasheet HTML 8Page - Texas Instruments TPS79501DCQ Datasheet HTML 9Page - Texas Instruments TPS79501DCQ Datasheet HTML 10Page - Texas Instruments TPS79501DCQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
0.01
0.1
1
10
100
0
100
200
300
400
500
IOUT (mA)
COUT = 1 µF
Region of Stability
Region of
Instability
0
50
100
150
200
2.5
3
3.5
4
4.5
5
VIN (V)
TJ = 25°C
TJ = −40°C
TJ = 125°C
COUT = 10 µF,
CNR = 0.01 µF,
IOUT = 50 mA
0.01
0.1
1
10
100
1
10
100
1000
IOUT (mA)
COUT = 2.2 µF
Region of Stability
Region of
Instability
0.01
0.1
1
10
100
0
100
200
300
400
500
IOUT (A)
COUT = 10 µF
Region of Stability
Region of
Instability
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
TPS79530
TPS79530
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
TPS79501
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
DROPOUT VOLTAGE
(ESR)
(ESR)
vs INPUT VOLTAGE
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 19.
Figure 20.
Figure 21.
TPS79530
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE
(ESR)
vs OUTPUT CURRENT
Figure 22.
7
Submit Documentation Feedback


Similar Part No. - TPS79501DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501DCQ TI-TPS79501DCQ Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQ TI1-TPS79501DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501DCQG4 TI1-TPS79501DCQG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501DCQR TI-TPS79501DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQR TI1-TPS79501DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79501DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com