Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3V712E Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS3V712E
Description  7-CHANNEL VIDEO SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3V712E Datasheet(HTML) 4 Page - Texas Instruments

  TS3V712E Datasheet HTML 1Page - Texas Instruments TS3V712E Datasheet HTML 2Page - Texas Instruments TS3V712E Datasheet HTML 3Page - Texas Instruments TS3V712E Datasheet HTML 4Page - Texas Instruments TS3V712E Datasheet HTML 5Page - Texas Instruments TS3V712E Datasheet HTML 6Page - Texas Instruments TS3V712E Datasheet HTML 7Page - Texas Instruments TS3V712E Datasheet HTML 8Page - Texas Instruments TS3V712E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TS3V712E
SCDS292 – JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
for high-frequency switching over recommended operating free-air temperature range, VDD = 3.3 V ±0.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIK
SEL n
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL n
VDD = 3.6 V,
VIN = VDD
±1
mA
IIL
SEL n
VDD = 3.6 V,
VIN = GND
±1
mA
IOFF
VDD = 0 V,
VO = 0 to 3.6 V,
VI = 0,
VIN = 0
1
mA
VIN = VDD or
Switch ON or
ICC
VDD = 3.6 V,
II/O = 0,
200
500
mA
GND,
OFF
CIN
SEL n
f = 10 MHz
VIN = 0,
2.7
3
pF
COFF
3 ports
f = 10 MHz
VIN = 0,
Output open,
Switch OFF
3
4
pF
CON
3 ports
f = 10 MHz
VIN = 0,
Output open,
Switch ON
7
pF
rON
VDD = 3 V,
0 V
≤ VI ≤ 1.2 V,
II/O = –40 mA
3
4
Ω
rON(flat)
(3)
VDD = 3 V,
VI = 0 V and 1.2 V
II/O = –40 mA
0.5
1
ΔrON
(4)
VDD = 3 V,
0 V
≤ VI ≤ 1.2 V,
II/O = –40 mA
0.1
1
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center port to any other ports.
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ±0.3 V, RL = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
RL = 50 Ω,
f = 250 MHz,
See Figure 8
–49.76
dB
OIRR
RL = 50 Ω,
f = 250 MHz,
See Figure 8
–37.51
dB
BW
See Figure 6
1.36
GHz
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ±0.3 V, RL = 50 Ω, TA = 25°C (unless otherwise noted)
(see Figure 5)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tpd
(1)
An or Bn/Cn
Bn/Cn or An
0.25
ns
tPZH, tPZL
(2)
SEL
Bn or Cn
0.5
12
ns
tPHZ, tPLZ
(3)
SEL
Bn or Cn
0.5
11
ns
tsk(o)
(4)
An, Bn, Cn
0.05
0.1
ns
tsk(p)
(5)
An, Bn, Cn
0.05
0.1
ns
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(2)
Line enable time: SEL to input, output; also called as SEL to switch turn on time.
(3)
Line disable time: SEL to input, output; also called as SEL to switch turn off time.
(4)
Output skew between center port to any other ports.
(5)
Skew between opposite transitions of the same output. |tPHL – tPLH|
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3V712E


Similar Part No. - TS3V712E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TS3V712ELRTGR TI1-TS3V712ELRTGR Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Similar Description - TS3V712E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
Texas Instruments
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
   3.3V, 7-Channel Analog Video Switch with Automatic Switching
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
   3.3V, 7-Channel Analog Video Switch with Dual Control Logic
logo
Asahi Kasei Microsystem...
AK4220 AKM-AK4220 Datasheet
552Kb / 33P
   7:3 Audio Switch and 6:3 Video Switch
logo
Hitachi Semiconductor
HA11513 HITACHI-HA11513 Datasheet
198Kb / 3P
   5 Channel Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com