Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A21366DCUR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A21366DCUR
Description  0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A21366DCUR Datasheet(HTML) 1 Page - Texas Instruments

  TS5A21366DCUR Datasheet HTML 1Page - Texas Instruments TS5A21366DCUR Datasheet HTML 2Page - Texas Instruments TS5A21366DCUR Datasheet HTML 3Page - Texas Instruments TS5A21366DCUR Datasheet HTML 4Page - Texas Instruments TS5A21366DCUR Datasheet HTML 5Page - Texas Instruments TS5A21366DCUR Datasheet HTML 6Page - Texas Instruments TS5A21366DCUR Datasheet HTML 7Page - Texas Instruments TS5A21366DCUR Datasheet HTML 8Page - Texas Instruments TS5A21366DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
APPLICATIONS
1
3
2
4
NO1
IN2
COM1
GND
8
6
7
5
V
+
COM2
IN1
NO2
IN2
COM1
GND
COM2
NO1
V
+
IN1
NO2
1
7
2
6
8
3
5
4
DESCRIPTION
TS5A21366
www.ti.com................................................................................................................................................. SCDS285A – MARCH 2009 – REVISED OCTOBER 2009
0.75-
Ω DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
• Dual Single-Pole Single-Throw (SPST) Switch
• ESD Performance Tested Per JESD 22
• 1.65-V to 5.5-V Power Supply (V
+)
2000-V Human-Body Model
(A114-B, Class II)
• Isolation in Powerdown Mode, V
+ = 0
1000-V Charged-Device Model (C101)
• Low ON-State Resistance (0.75 Ω Typ)
• Excellent ON-State Resistance Matching
• Cell Phones
• Low Charge Injection
• PDAs
• Low Total Harmonic Distortion (THD)
• Portable Instrumentation
• High Bandwidth (260 MHz)
• Audio and Video Signal Routing
• 1.8-V Compatible Control Input
• Portable Media Players
Threshold Independent of V+
• Communication Circuits
• Latch-Up Performance Exceeds 100 mA Per
• Computer Peripherals
JESD 78, Class II
DCU PACKAGE
RSE PACKAGE
(TOP VIEW)
(TOP VIEW)
The TS5A21366 is a dual single-pole single-throw (SPST) analog switch that is designed to operate from 1.65 V
to 5.5 V. The device offers a low ON-state resistance and an excellent channel-to-channel ON-state resistance
matching. The device has excellent total harmonic distortion (THD) performance and consumes very low power.
The control pin can be connected to a low voltage GPIO allowing it to be controlled by 1.8-V signals.
These features make this device ideal for portable audio applications.
The TS5A21366 is available in a small, space-saving 8-pin DCU or RSE package and is characterized for
operation over the free-air temperature range of –40°C to 85°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VSSOP – DCU
Tape and reel
TS5A21366DCUR
JBS_
–40°C to 85°C
QFN – RSE
Tape and reel
TS5A21366RSER
4F
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A21366DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A21366DCUR TI-TS5A21366DCUR Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366DCUR TI1-TS5A21366DCUR Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366DCURG4 TI1-TS5A21366DCURG4 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A21366DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com