Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79516DCQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79516DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79516DCQ Datasheet(HTML) 5 Page - Texas Instruments

  TPS79516DCQ Datasheet HTML 1Page - Texas Instruments TPS79516DCQ Datasheet HTML 2Page - Texas Instruments TPS79516DCQ Datasheet HTML 3Page - Texas Instruments TPS79516DCQ Datasheet HTML 4Page - Texas Instruments TPS79516DCQ Datasheet HTML 5Page - Texas Instruments TPS79516DCQ Datasheet HTML 6Page - Texas Instruments TPS79516DCQ Datasheet HTML 7Page - Texas Instruments TPS79516DCQ Datasheet HTML 8Page - Texas Instruments TPS79516DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.98
2.99
3
3.01
3.02
0
0.1
0.2
0.3
0.4
0.5
IOUT (mA)
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 1 mA
VIN = 4 V
COUT = 10 µF
IOUT = 0.5 A
260
262
264
266
268
270
272
274
276
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 0.5 A
IOUT = 1 mA
VIN = 4 V
COUT = 10 µF
2.97
2.975
2.98
2.985
2.99
2.995
3
3.005
0
0.1
0.2
0.3
0.4
0.5
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
IOUT = 0.5 A
100
1 k
10 k
100 k
Frequency (Hz)
VIN = 5.5 V
IOUT = 500 mA
COUT= 10 µF
CNR = 0.1 µF
CNR = 0.001 µF
CNR = 0.0047 µF
CNR = 0.01 µF
0
0.5
1
1.5
2
2.5
0
0.1
0.2
0.3
0.4
0.5
0.6
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
IOUT = 0.5 A
VIN = 5.5 V
COUT = 10 µF
CNR = 0.1 µF
−40 −25 −10 5
20 35 50 65 80 95 110 125
VIN = 2.9 V
COUT = 10 µF
IOUT = 500 mA
TJ (°C)
25
50
75
100
125
150
175
0
0
10
20
30
40
50
0.001
0.0047
0.01
0.1
CNR (µF)
IOUT = 500 mA
COUT= 10 µF
BW = 100 Hz to 100 kHz
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k 100 k 1 M
10 M
IOUT = 1 mA
VIN = 4 V
COUT = 10 µF
CNR = 0.1 µF
IOUT = 500 mA
Frequency (Hz)
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
TPS79530
TPS79530
TPS79530
OUTPUT VOLTAGE
OUTPUT VOLTAGE
GROUND CURRENT
vs OUTPUT CURRENT
vs JUNCTION TEMPERATURE
vs JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
TPS79530
TPS79530
TPS79530
OUTPUT SPECTRAL
OUTPUT SPECTRAL
OUTPUT SPECTRAL
NOISE DENSITY
NOISE DENSITY
NOISE DENSITY
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 4.
Figure 5.
Figure 6.
TPS79530
TPS79530
TPS79530
ROOT MEAN SQUARED
DROPOUT VOLTAGE
RIPPLE REJECTION
OUTPUT NOISE vs CNR
vs JUNCTION TEMPERATURE
vs FREQUENCY
Figure 7.
Figure 8.
Figure 9.
5
Submit Documentation Feedback


Similar Part No. - TPS79516DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79516DCQ TI-TPS79516DCQ Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79516DCQ TI1-TPS79516DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79516DCQG4 TI1-TPS79516DCQG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79516DCQR TI-TPS79516DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79516DCQR TI1-TPS79516DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79516DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com