Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79518DCQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79518DCQR
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79518DCQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS79518DCQR Datasheet HTML 1Page - Texas Instruments TPS79518DCQR Datasheet HTML 2Page - Texas Instruments TPS79518DCQR Datasheet HTML 3Page - Texas Instruments TPS79518DCQR Datasheet HTML 4Page - Texas Instruments TPS79518DCQR Datasheet HTML 5Page - Texas Instruments TPS79518DCQR Datasheet HTML 6Page - Texas Instruments TPS79518DCQR Datasheet HTML 7Page - Texas Instruments TPS79518DCQR Datasheet HTML 8Page - Texas Instruments TPS79518DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
0
10
20
30
40
50
60
70
80
1
10
100
1k
10k
100k 1M
10M
TPS79530
RIPPLEREJECTION
vs
FREQUENCY
VIN =4V
COUT =10 mF
CNR =0.01 mF
IOUT =1mA
IOUT =500mA
Frequency (Hz)
Frequency(Hz)
0
0.1
0.2
0.3
0.4
0.5
100
1k
10k
100k
IOUT =1mA
VIN =5.5V
COUT =2.2 mF
CNR =0.1 mF
IOUT =0.5A
TPS79530
OUTPUT SPECTRALNOISEDENSITY
vs
FREQUENCY
1
2
3
4
5
DCQ PACKAGE
SOT223-6
(TOPVIEW)
NR/FB
OUT
GND
IN
EN
6
GND
EN
NC
GND
NR/FB
8
7
6
5
IN
IN
OUT
OUT
1
2
3
4
DRB PACKAGE
3mm x 3mm SON
(TOP VIEW)
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA
LOW-DROPOUT LINEAR REGULATORS
500-mA Low-Dropout Regulator With Enable
The
TPS795xx
family
of
low-dropout
(LDO),
low-power linear voltage regulators features high
Available in Fixed and Adjustable (1.2-V to
power-supply rejection ratio (PSRR), ultralow noise,
5.5-V) Versions
fast start-up, and excellent line and load transient
High PSRR (50 dB at 10 kHz)
responses in small outline, SOT223-6 and 3 x 3 SON
Ultralow Noise (33
µV
RMS, TPS79530)
packages. Each device in the family is stable with a
small 1-
µF ceramic capacitor on the output. The
Fast Start-Up Time (50
µs)
family uses an advanced,
proprietary
BiCMOS
Stable With a 1-
µF Ceramic Capacitor
fabrication process to yield extremely low dropout
Excellent Load/Line Transient Response
voltages (for example, 110 mV at 500 mA). Each
device achieves fast start-up times (approximately 50
Very Low Dropout Voltage (110 mV at Full
µs with a 0.001-µF bypass capacitor) while
Load, TPS79530)
consuming very low quiescent current (265
µA,
6-Pin SOT223 and 3
× 3 SON Packages
typical). Moreover, when the device is placed in
standby mode, the supply current is reduced to less
than 1
µA. The TPS79530 exhibits approximately 33
RF: VCOs, Receivers, ADCs
µV
RMS of output voltage noise at 3.0 V output with a
0.1-
µF bypass capacitor. Applications with analog
Audio
components
that
are
noise-sensitive,
such
as
Bluetooth
®, Wireless LAN
portable RF electronics, benefit from the high-PSRR
Cellular and Cordless Telephones
and low-noise features, as well as from the fast
Handheld Organizers, PDAs
response time.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79518DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79518DCQR TI-TPS79518DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79518DCQR TI1-TPS79518DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79518DCQRG4 TI1-TPS79518DCQRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79518DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com