Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1979 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # AN1979
Description  Altimeter and Barometer System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1979 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button AN1979 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1979 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN1979
Sensors
7
Freescale Semiconductor
air, the rising air will cool, the air will condense forming clouds
and precipitation in the form of rain or snow.
This reference design saves the current pressure reading
and compares it to past pressure measurements. It
determines if there was a pressure drop or a pressure
increase. Using this information, it makes a simple weather
prediction by sending a message of ‘sunny’ for a pressure
increase, ‘rainy for a pressure drop, and ‘steady’ for no
significant change in pressure.1
CONCLUSION
The Altimeter is one of many applications for the
MPXM2102AS pressure sensor. This reference design can be
used as a reference for developing more integrated
barometer applications such as hand-held weather stations,
altimeter features for camera or GPS systems, as well as
barometric pressure monitoring systems for industrial
systems. The MPXM2102AS is an excellent pressure sensor
for this application since it is calibrated and temperature
compensated. By having these features available on-chip,
there is a large savings in PCB real estate in addition to
savings in cost for external components
.
1. This information was found from the USA Today Weather Book from USAToday.com.
Table 4. Elevation Pressure and Temperature Changes
Altitude Above Sea Level
Temperature
Barometer
Atmospheric Pressure
Feet
Meters
F
C
mm * Hg
psi
kPa
-1000
-305
63
17
787.9
15.23
105.0
-500
-153
61
16
773.9
14.96
103.1
0
0
59
15
760.0
14.69
101.33
500
153
57
14
746.3
14.43
99.49
1000
305
55
13
733.0
14.16
97.63
1500
458
54
12
719.6
13.91
95.91
2000
610
52
11
706.6
13.66
94.19
2500
763
50
10
693.9
13.41
92.46
3000
915
48
9
681.2
13.17
90.81
3500
1068
47
8
668.8
12.93
89.15
4000
1220
45
7
656.3
12.69
87.49
4500
1373
43
6
644.4
12.46
85.91
5000
1526
41
5
632.5
12.23
84.33
6000
1831
38
3
609.3
11.78
81.22
7000
2136
34
1
586.7
11.34
78.19
9000
2441
31
-1
564.6
10.91
75.22
9000
2746
27
-3
543.3
10.5
72.40
10,000
3050
23
-5
522.7
10.1
69.64
15,000
4577
6
-14
429.0
8.29
57.16


Similar Part No. - AN1979

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN197 SILABS-AN197 Datasheet
233Kb / 14P
   SERIAL COMMUNICATIONS GUIDE FOR THE CP210X
logo
STMicroelectronics
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
   ST7LITE0xxx MICROCONTROLLED BALLAST
AN1978 STMICROELECTRONICS-AN1978 Datasheet
539Kb / 14P
   SMART CARD INTERFACE
More results

Similar Description - AN1979

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
HP206C HOPE-HP206C Datasheet
574Kb / 17P
   PRECISION BAROMETER AND ALTIMETER SENSOR
logo
List of Unclassifed Man...
HP206C ETC2-HP206C Datasheet
574Kb / 17P
   PRECISION BAROMETER AND ALTIMETER SENSOR
logo
HOPE Microelectronics C...
HP206F HOPE-HP206F Datasheet
621Kb / 16P
   PRECISION BAROMETER AND ALTIMETER S
logo
List of Unclassifed Man...
HP203B ETC2-HP203B Datasheet
860Kb / 18P
   PRECISION BAROMETER AND ALTIMETER SENSOR
logo
HOPE Microelectronics C...
HP203B HOPE-HP203B Datasheet
860Kb / 18P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP5804 HOPE-HP5804 Datasheet
502Kb / 12P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP5806 HOPE-HP5806 Datasheet
725Kb / 25P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP203N HOPE-HP203N Datasheet
694Kb / 12P
   PRECISION BAROMETER AND ALTIMETER SENSOR
HP303S HOPE-HP303S Datasheet
889Kb / 30P
   PRECISION BAROMETER AND ALTIMETER SENSOR
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
   Altimeter / Barometer Module ultra low power, low voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com