Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LV51RD2FA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89LV51RD2FA
Description  8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LV51RD2FA Datasheet(HTML) 3 Page - NXP Semiconductors

  P89LV51RD2FA Datasheet HTML 1Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 2Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 3Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 4Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 5Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 6Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 7Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 8Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
P89LV51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
3 of 76
NXP Semiconductors
P89LV51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
4.
Block diagram
Fig 1.
Block diagram
HIGH PERFORMANCE
80C51 CPU
16/32/64 kB
CODE FLASH
1 kB
DATA RAM
OSCILLATOR
internal
bus
CRYSTAL
OR
RESONATOR
002aaa506
UART
PORT 2
SPI
TIMER 2
TIMER 0
TIMER 1
PCA
PROGRAMMABLE
COUNTER ARRAY
WATCHDOG TIMER
XTAL1
XTAL2
PORT 3
P3[7:0]
P2[7:0]
PORT 1
P1[7:0]
PORT 0
P0[7:0]
CEX[4:0]
TXD
RXD
T0
T1
T2
T2EX
SPICLK
MOSI
MISO
SS
P89LV51RB2/RC2/RD2


Similar Part No. - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RD2FA PHILIPS-P89LV51RD2FA Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89LV51RD2FA PHILIPS-P89LV51RD2FA Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
More results

Similar Description - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com