Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LV51RD2FA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P89LV51RD2FA
Description  8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LV51RD2FA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P89LV51RD2FA Datasheet HTML 2Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 3Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 4Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 5Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 6Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 7Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 8Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 9Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
P89LV51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 15 December 2009
6 of 76
NXP Semiconductors
P89LV51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
5.2 Pin description
Table 3.
P89LV51RB2/RC2/RD2 pin description
Symbol
Pin
Type
Description
TQFP44
PLCC44
P0.0 to P0.7
I/O
Port 0: Port 0 is an 8-bit open drain bidirectional I/O port. Port 0
pins that have ‘1’s written to them float, and in this state can be
used as high-impedance inputs. Port 0 is also the multiplexed
low-order address and data bus during accesses to external
code and data memory. In this application, it uses strong internal
pull-ups when transitioning to ‘1’s. Port 0 also receives the code
bytes during the external host mode programming, and outputs
the code bytes during the external host mode verification.
External pull-ups are required during program verification or as a
general purpose I/O port.
P0.0/AD0
37
43
I/O
P0.0 — Port 0 bit 0.
I/O
AD0 — Address/data bit 0.
P0.1/AD1
36
42
I/O
P0.1 — Port 0 bit 1.
I/O
AD1 — Address/data bit 1.
P0.2/AD2
35
41
I/O
P0.2 — Port 0 bit 2.
I/O
AD2 — Address/data bit 2.
P0.3/AD3
34
40
I/O
P0.3 — Port 0 bit 3.
I/O
AD3 — Address/data bit 3.
P0.4/AD4
33
39
I/O
P0.4 — Port 0 bit 4.
I/O
AD4 — Address/data bit 4.
P0.5/AD5
32
38
I/O
P0.5 — Port 0 bit 5.
I/O
AD5 — Address/data bit 5.
P0.6/AD6
31
37
I/O
P0.6 — Port 0 bit 6.
I/O
AD6 — Address/data bit 6.
P0.7/AD7
30
36
I/O
P0.7 — Port 0 bit 7.
I/O
AD7 — Address/data bit 7.
P1.0 to P1.7
I/O with
internal
pull-up
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal
pull-ups. The Port 1 pins are pulled high by the internal pull-ups
when ‘1’s are written to them and can be used as inputs in this
state. As inputs, Port 1 pins that are externally pulled LOW will
source current (IIL) because of the internal pull-ups. P1.5, P1.6,
P1.7 have a high current drive of 16 mA. Port 1 also receives the
low-order address bytes during the external host mode
programming and verification.
P1.0/T2
40
2
I
P1.0 — Port 1 bit 0.
I/O
T2 — External count input to Timer/counter 2 or Clock-out from
Timer/counter 2.
P1.1/T2EX
41
3
I/O
P1.1 — Port 1 bit 1.
I
T2EX: Timer/counter 2 capture/reload trigger and direction
control input.
P1.2/ECI
42
4
I/O
P1.2 — Port 1 bit 2.
I
ECI — External clock input. This signal is the external clock input
for the PCA.


Similar Part No. - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RD2FA PHILIPS-P89LV51RD2FA Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89LV51RD2FA PHILIPS-P89LV51RD2FA Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
More results

Similar Description - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com