Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT600 Datasheet(PDF) 2 Page - Tyco Electronics

Part # FT600
Description  New surface-mount fuse products for overcurrent protection of communications equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FT600 Datasheet(HTML) 2 Page - Tyco Electronics

  FT600 Datasheet HTML 1Page - Tyco Electronics FT600 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiBar is a trademark of Tyco Electronics Corporation.
All information, including illustrations, is believed to be reliable. Users, however, should independently evaluate the suitability of each product for their application. Tyco
Electronics makes no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. Tyco Electronics’ only obligations are
those in the Company’s Standard Terms and Conditions of Sale for this product, and in no case will Tyco Electronics be liable for any incidental, indirect, or consequential
damages arising from the sale, resale, use, or misuse of the product. Specifications are subject to change without notice. In addition, Tyco Electronics reserves the right
to make changes-without notification to Buyer-to materials or processing that do not affect compliance with any applicable specification.
70
80
90
100
110
120
130
-70
-50
-30
-10
10
30
50
70
90
110
130
AMBIENT TEMPERATURE (°C)
FT600 Series Fuses
Thermal Derating Curve
Typical Time-to-Open Characteristics (at 25˚ C)
Solder Reflow Recommendations
Preheating
50
100
150
200
250
300
0
10 to 20
Soldering
Cooling
120
30 to 90
Time(s)
Solder Reflow
Recommended reflow methods: IR, vapor phase oven, hot air oven.
Devices can be cleaned using standard industry methods and
solvents.
Recommended Pad Layout
The dimensions in the table below provide the recommended pad layout for each FT600 device.
Ordering Information
Part numbers
FT600-0500-2
FT600-1250-2
FT600-2000-2
Devices per reel
2,500/reel
Standard package
10,000/box
Note: The -2 designates tape and reel, the package
style for this product.
Agency Recognitions
UL
File # E197536
CSA
Pending
Time(s)
Worldwide Headquarters
308 Constitution Drive, MS R21/2A
Menlo Park, CA USA 94025-1164
Tel
(800) 227-7040
(650) 361-6900
Fax
(650) 361-2508
Europe
Tel
32/16351714
Fax
32/16351727
www.tycopowercomponents.com
www.circuitprotection.com.hk (Chinese)
www.raychem.com/go/jpn/polyswitch (Japanese)
Japan
Tel81-44-900-5110
Fax81-44-900-5140
Asia Pacific
Tel
852-2738-3401
Fax
852-2735-1185
A
12.6 (0.496)
B
4.0 (0.157)
C
3.7 (0.145)
D
5.2 (0.204)
Dimensions in millimeters (inches)
A
D
C
B


Similar Part No. - FT600

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT600 FTDI-FT600 Datasheet
1Mb / 29P
   The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
logo
Tyco Electronics
FT600-0500 MACOM-FT600-0500 Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-1250 MACOM-FT600-1250 Datasheet
87Kb / 2P
   Telecom Fuse
FT600-1250 MACOM-FT600-1250 Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-2000 MACOM-FT600-2000 Datasheet
51Kb / 2P
   Telecom Fuse
More results

Similar Description - FT600

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59012B1080A151 EPCOS-B59012B1080A151 Datasheet
276Kb / 4P
   Overcurrent protection in telecom equipment
logo
Bel Fuse Inc.
0808-4011-XX BEL-0808-4011-XX Datasheet
118Kb / 6P
   Fuse Products Circuit Protection SIP Modules
SMP BEL-SMP Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP500 BEL-SMP500 Datasheet
92Kb / 2P
   Surface Mount Power Cross Protection Fuse
SMP2 BEL-SMP2 Datasheet
297Kb / 2P
   Surface Mount Power Cross Protection Fuse
SMP BEL-SMP_12 Datasheet
476Kb / 4P
   Surface Mount Power Cross Protection Fuse
logo
Littelfuse
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
logo
List of Unclassifed Man...
S44238 ETC2-S44238 Datasheet
58Kb / 2P
   Miscellaneous Communications Products
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com